Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3025IDC-2-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3025IDC-2-PBF
Description  500mA Micropower VLDO Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3025IDC-2-PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3025IDC-2-PBF Datasheet HTML 1Page - Linear Technology LTC3025IDC-2-PBF Datasheet HTML 2Page - Linear Technology LTC3025IDC-2-PBF Datasheet HTML 3Page - Linear Technology LTC3025IDC-2-PBF Datasheet HTML 4Page - Linear Technology LTC3025IDC-2-PBF Datasheet HTML 5Page - Linear Technology LTC3025IDC-2-PBF Datasheet HTML 6Page - Linear Technology LTC3025IDC-2-PBF Datasheet HTML 7Page - Linear Technology LTC3025IDC-2-PBF Datasheet HTML 8Page - Linear Technology LTC3025IDC-2-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3025-1/LTC3025-2/
LTC3025-3/LTC3025-4
3
30251234fc
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.5V, VBIAS = 3.6V, COUT = 1μF, CIN = 0.1μF, CBIAS = 0.1μF
(all capacitors ceramic) unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VBIAS Operating Voltage (Note 4)
LTC3025-1
l
2.5
5.5
V
LTC3025-2
l
2.7
5.5
V
LTC3025-3
l
3.0
5.5
V
LTC3025-4
l
3.3
5.5
V
VBIAS Undervoltage Lockout
l
2.2
2.5
V
VIN Operating Current
IOUT = 10μA, VOUT = 1.2V, LTC3025-1
l
410
μA
VIN Operating Current
IOUT = 0μA, LTC3025-2/LTC3025-3/LTC3025-4
l
410
μA
VBIAS Operating Current
IOUT = 10μA, VOUT = 1.2V, LTC3025-1
l
50
80
μA
VBIAS Operating Current
IOUT = 0μA, LTC3025-2/LTC3025-3/LTC3025-4
l
50
80
μA
VIN Shutdown Current
VSHDN = 0V
1
5
μA
VBIAS Shutdown Current
VSHDN = 0V
0.01
1
μA
VADJ Regulation Voltage (Note 5)
1mA ≤ IOUT ≤ 500mA, VOUT = 1.2V, 1.5V ≤ VIN ≤ 5V, LTC3025-1
1mA ≤ IOUT ≤ 500mA, VOUT = 1.2V, 1.5V ≤ VIN ≤ 5V, LTC3025-1 l
0.395
0.392
0.4
0.4
0.405
0.408
V
V
VSENSE Regulation Voltage (Note 5)
1mA ≤ IOUT ≤ 500mA, 1.5V ≤ VIN ≤ 5V, LTC3025-2
1mA ≤ IOUT ≤ 500mA, 1.5V ≤ VIN ≤ 5V, LTC3025-2
l
1.185
1.176
1.2
1.2
1.215
1.224
V
V
VSENSE Regulation Voltage (Note 5)
1mA ≤ IOUT ≤ 500mA, 1.7V ≤ VIN ≤ 5V, LTC3025-3
1mA ≤ IOUT ≤ 500mA, 1.7V ≤ VIN ≤ 5V, LTC3025-3
l
1.481
1.470
1.5
1.5
1.519
1.530
V
V
VSENSE Regulation Voltage (Note 5)
1mA ≤ IOUT ≤ 500mA, 2.0V ≤ VIN ≤ 5V, LTC3025-4
1mA ≤ IOUT ≤ 500mA, 2.0V ≤ VIN ≤ 5V, LTC3025-4
l
1.777
1.764
1.8
1.8
1.823
1.836
V
V
IADJ ADJ Input Current
VADJ = 0.45V, LTC3025-1
–50
0
50
nA
OUT Load Regulation (Referred to ADJ Pin)
ΔIOUT = 1mA to 500mA, LTC3025-1
–0.35
mV
OUT Load Regulation
ΔIOUT = 1mA to 500mA, LTC3025-2
ΔIOUT = 1mA to 500mA, LTC3025-3
ΔIOUT = 1mA to 500mA, LTC3025-4
–1
–1.3
–1.5
mV
mV
mV
VIN Line Regulation (Referred to ADJ Pin)
VIN = 1.5V to 5V, VBIAS = 3.6V, VOUT = 1.2V,
IOUT = 1mA, LTC3025-1
0.07
mV
VIN Line Regulation
VIN = 1.5V to 5V, VBIAS = 3.6V, IOUT = 1mA, LTC3025-2
VIN = 1.8V to 5V, VBIAS = 3.6V, IOUT = 1mA, LTC3025-3
VIN = 2.1V to 5V, VBIAS = 3.6V, IOUT = 1mA, LTC3025-4
0.21
0.26
0.32
mV
mV
mV
VBIAS Line Regulation
VIN = 1.5V, VBIAS = 2.7V to 5V, VOUT = 1.2V, IOUT = 1mA,
LTC3025-1
l
4.5
16.5
mV
VBIAS Line Regulation
VIN = 1.5V, VBIAS = 2.7V to 5V, IOUT = 1mA, LTC3025-2
VIN = 1.8V, VBIAS = 3.0V to 5V, IOUT = 1mA, LTC3025-3
VIN = 2.1V, VBIAS = 3.3V to 5V, IOUT = 1mA, LTC3025-4
l
l
l
4.5
4.5
4.5
16.5
16.5
16.5
mV
mV
mV
VIN to VOUT Dropout Voltage (Notes 4, 6)
VBIAS = 2.8V, VIN = 1.5V, IOUT = 500mA,
VADJ = 0.37V(LTC3025-1), VSENSE = 1.15V(LTC3025-2)
l
85
120
170
mV
mV
VIN to VOUT Dropout Voltage (Notes 4, 6)
VBIAS = 3.1V, VIN = 1.7V, IOUT = 500mA,
VSENSE = 1.45V(LTC3025-3)
l
90
130
185
mV
mV
VIN to VOUT Dropout Voltage (Notes 4, 6)
VBIAS = 3.4V, VIN = 2.0V, IOUT = 500mA,
VSENSE = 1.75V(LTC3025-4)
l
90
130
185
mV
mV
VBIAS to VOUT Dropout Voltage (Note 4)
LTC3025-1
l
1.5
V
IOUT Continuous Output Current
l
500
mA
IOUT Current Limit
VADJ = 0V(LTC3025-1),
VSENSE = 0V(LTC3025-2/LTC3025-3/LTC3025-4)
1130
mA
en Output Voltage Noise
f = 10Hz to 100kHz, IOUT = 300mA
80
μVRMS


Similar Part No. - LTC3025IDC-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025IDC-PBF LINER-LTC3025IDC-PBF Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
LTC3025IDC-TR LINER-LTC3025IDC-TR Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
LTC3025IDC-TRPBF LINER-LTC3025IDC-TRPBF Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
More results

Similar Description - LTC3025IDC-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-1 LINER-LTC3025-1_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-1 LINER-LTC3025-1_1 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
logo
Union Semiconductor, In...
UM17735 UNIONSEMI-UM17735 Datasheet
219Kb / 7P
   500mA, Micropower, VLDO Linear Regulator
UM1770 UNIONSEMI-UM1770 Datasheet
847Kb / 13P
   500mA, Micropower, VLDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE533J ACE-ACE533J Datasheet
853Kb / 11P
   500mA, Micropower, VLDO Linear Regulator
VER 1.2
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com