Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3100 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3100
Description  1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3100 Datasheet(HTML) 3 Page - Linear Technology

  LTC3100 Datasheet HTML 1Page - Linear Technology LTC3100 Datasheet HTML 2Page - Linear Technology LTC3100 Datasheet HTML 3Page - Linear Technology LTC3100 Datasheet HTML 4Page - Linear Technology LTC3100 Datasheet HTML 5Page - Linear Technology LTC3100 Datasheet HTML 6Page - Linear Technology LTC3100 Datasheet HTML 7Page - Linear Technology LTC3100 Datasheet HTML 8Page - Linear Technology LTC3100 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC3100
3
3100fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
N-Channel MOSFET Switch-On
Resistance
VBST = 3.3V
0.3
Ω
P-Channel MOSFET Switch-On
Resistance
VBST = 3.3V
0.4
Ω
N-Channel MOSFET Current Limit
l
700
850
mA
Maximum Duty Cycle
VFBBST = 1.15V
l
87
90
%
Minimum Duty Cycle
VFBBST = 1.3V
l
0%
Switching Frequency
l
1.2
1.5
1.8
MHz
RUNBST Input High Voltage
l
0.9
V
RUNBST Input Low Voltage
l
0.3
V
RUNBST Input Current
RUNBST = 1.2V
0.8
2
μA
Soft-Start Time
0.8
ms
PGBST Threshold, Falling
Referenced to Feedback Voltage
–8
%
PGBST Hysteresis
Referenced to Feedback Voltage
3
%
PGBST Voltage Low
5mA Load
65
mV
PGBST Leakage Current
PGBST = 5.5V
0.01
10
μA
ELECTRICAL CHARACTERISTICS: STEP-DOWN CONVERTER
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
l
1.8
5.5
V
Output Voltage Adjust Range
l
0.61
5.5
V
Feedback Voltage
l
590
600
610
mV
Feedback Input Current
FBBK = 600mV
1
30
nA
Quiescent Current: Shutdown
Measured on VINBK, RUNBK = 0V, VINBST = 0V, VBST = 0V
Not Including Switch Leakage
0.01
1
μA
Quiescent Current: Active
Measured on VINBK (Note 4), RUNBST = 0V
240
350
μA
Quiescent Current: Burst Mode Operation
Measured on VINBK, FBBK = 620mV, MODE = OPEN,
RUNBST = 0V
16
30
μA
N-Channel MOSFET Switch Leakage Current
VINBK = SWBK = 5V
0.1
5
μA
P-Channel MOSFET Switch Leakage Current
SWBK = 0V, VINBK = 5V
0.1
5
μA
N-Channel MOSFET Switch-On Resistance
VINBK = 3.3V
0.45
Ω
P-Channel MOSFET Switch-On Resistance
VINBK = 3.3V
0.55
Ω
P-Channel MOSFET Current Limit
l
340
450
mA
Maximum Duty Cycle
FBBK < 590mV
l
100
%
Minimum Duty Cycle
FBBK > 610mV
l
0%
Switching Frequency
l
1.2
1.5
1.8
MHz
The
l denotes the
specifications which apply over the full operating temperature range. Extended commercial grade: –40°C to 85°C, VINBK = 3.3V,
TA = 25°C, unless otherwise noted.
ELECTRICAL CHARACTERISTICS: STEP-UP CONVERTER The l denotes the specifications
which apply over the full operating temperature range. Extended commercial grade: –40°C to 85°C, VINBST = 1.2V, VBST = 3.3V,
TA = 25°C, unless otherwise noted.


Similar Part No. - LTC3100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3100 LINER-LTC3100_15 Datasheet
409Kb / 26P
   1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
More results

Similar Description - LTC3100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3100 LINER-LTC3100_15 Datasheet
409Kb / 26P
   1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
logo
Princeton Technology Co...
RS8017 PTC-RS8017 Datasheet
260Kb / 4P
   Dual Channel 1.5MHz, 1.2A, Synchronous Step-Down DC/DC Converter
logo
Linear Technology
LTC3537 LINER-LTC3537 Datasheet
302Kb / 20P
   2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
LTC3537 LINER-LTC3537_15 Datasheet
319Kb / 22P
   2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
logo
Diodes Incorporated
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
   DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
   1.5MHz Synchronous Step-down DC-DC Converter
logo
Semtech Corporation
SC1189 SEMTECH-SC1189_05 Datasheet
275Kb / 16P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_07 Datasheet
276Kb / 16P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com