Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2970CUFD-1-TRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2970CUFD-1-TRPBF
Description  Dual I2C Power Supply Monitor and Margining Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970CUFD-1-TRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2970CUFD-1-TRPBF Datasheet HTML 2Page - Linear Technology LTC2970CUFD-1-TRPBF Datasheet HTML 3Page - Linear Technology LTC2970CUFD-1-TRPBF Datasheet HTML 4Page - Linear Technology LTC2970CUFD-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC2970CUFD-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC2970CUFD-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC2970CUFD-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC2970CUFD-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC2970CUFD-1-TRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC2970/LTC2970-1
6
29701fc
29701 TD
SDA
SCL
START
CONDITION
tBUF
tr
tSU;STO
STOP
CONDITION
tHD;STA
tSU;DAT
tSU;STA
REPEATED START
CONDITION
tHIGH
tHD;DAT
tSP
tHD;STA
tLOW
tf
tf
START
CONDITION
tr
The I2C Bus Specification
Note 4: Integral nonlinearity (INL) is defined as the deviation of a code
from a straight line passing through the actual endpoints (0V and 6V)
of the transfer curve. The deviation is measured from the center of the
quantization band.
Note 5: Nonlinearity is defined from the first code that is greater than or
equal to the maximum offset specification to code 255 (full-scale).
Note 6: Maximum capacitive load, CB, for SCL and SDA is 400pF. Data and
clock risetime (tr) and falltime (tf) are: (20 + 0.1 • CB)(ns) < tr < 300ns and
(20 + 0.1 • CB)(ns) < tf < 300ns. CB = capacitance of one bus line in pF.
SCL and SDA external pull-up voltage, VIO, is 3V < VIO < 5.5V.
Note 7: This specification is guaranteed by design.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 3: TUE (%) is defined as:
%
(•
/
)
Gain Error
INL
V LSB V
V
OS
IN
+
+
500
100
μ
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSETUP_TRACK Tracking IDAC Disconnect Delay
LTC2970-1 Only: After the tracking
algorithm asserts CPIO_CFG high, the
LTC2970-1 will wait this amount of time
before starting to decrement Chn_a_
delay_track[9:0]. Used while tracking
power supplies off.
32
ms
tDEC_TRACK
Tracking IDAC Decrement Rate
LTC2970-1 Only: The LTC2970-1 changes
Chn_a_delay_track[9:0] at this rate.
88
μs/LSB
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAM


Similar Part No. - LTC2970CUFD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2970CUFD-1 LINER-LTC2970CUFD-1 Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2970CUFD-1 LINER-LTC2970CUFD-1 Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
More results

Similar Description - LTC2970CUFD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970-1 LINER-LTC2970-1_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970IUFD LINER-LTC2970IUFD Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2970CUFD LINER-LTC2970CUFD Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
LTC2920-2 LINER-LTC2920-2_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Lattice Semiconductor
POWR6AT6 LATTICE-POWR6AT6 Datasheet
919Kb / 34P
   In-System Programmable Power Supply Monitoring and Margining Controller
ISPPAC-POWR1220AT8 LATTICE-ISPPAC-POWR1220AT8 Datasheet
1Mb / 54P
   In-System Programmable Power Supply Monitoring, Sequencing and Margining Controller
logo
Intersil Corporation
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com