Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3025EDC Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3025EDC
Description  300mA Micropower VLDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3025EDC Datasheet(HTML) 5 Page - Linear Technology

  LTC3025EDC Datasheet HTML 1Page - Linear Technology LTC3025EDC Datasheet HTML 2Page - Linear Technology LTC3025EDC Datasheet HTML 3Page - Linear Technology LTC3025EDC Datasheet HTML 4Page - Linear Technology LTC3025EDC Datasheet HTML 5Page - Linear Technology LTC3025EDC Datasheet HTML 6Page - Linear Technology LTC3025EDC Datasheet HTML 7Page - Linear Technology LTC3025EDC Datasheet HTML 8Page - Linear Technology LTC3025EDC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC3025
5
3025fb
FREQUENCY (Hz)
100
50
60
70
1M
3025 G10
40
30
1k
10k
100k
10M
20
10
0
VBIAS = 3.6V
VIN = 1.5V
VOUT = 1.2V
IOUT = 100mA
COUT = 10μF
COUT = 1mF
FREQUENCY (Hz)
100
50
60
70
1M
3025 G11
40
30
1k
10k
100k
10M
20
10
0
VBIAS = 3.6V
VIN = 1.5V
VOUT = 1.2V
IOUT = 100mA
COUT = 10μF
COUT = 1mF
VIN (V)
1.2
0
5
15
20
25
50
35
1.6
2.0
2.2
3025 G12
10
40
45
30
1.4
1.8
2.4
2.6
VBIAS = 3.6V
VOUT = 1.2V
IOUT = 100mA
IOUT = 300mA
COUT = 1μF
COUT = 10μF
250mA
10mA
IOUT
VOUT
AC
10mV/DIV
VIN = 1.5V
VOUT = 1.2V
VBIAS = 3.6V
COUT = 1μF
100μs/DIV
3025 G13
TYPICAL PERFORMANCE CHARACTERISTICS
VIN Ripple Rejection
vs Frequency
BIAS Ripple Rejection
vs Frequenc
3MHz VIN Supply Rejection
Transient Response


Similar Part No. - LTC3025EDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025EDC-1 LINER-LTC3025EDC-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025EDC-1-PBF LINER-LTC3025EDC-1-PBF Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025EDC-1-TR LINER-LTC3025EDC-1-TR Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025EDC-1-TRPBF LINER-LTC3025EDC-1-TRPBF Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025EDC-2 LINER-LTC3025EDC-2 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
More results

Similar Description - LTC3025EDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM37512S UNIONSEMI-UM37512S_15 Datasheet
416Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM37550S UNIONSEMI-UM37550S Datasheet
291Kb / 12P
   300mA, Micropower, VLDO Linear Regulator
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM4750 UNIONSEMI-UM4750_15 Datasheet
484Kb / 13P
   300mA, Micropower, Dual Channel VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com