Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2970IUFD-1-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2970IUFD-1-PBF
Description  Dual I2C Power Supply Monitor and Margining Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970IUFD-1-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2970IUFD-1-PBF Datasheet HTML 6Page - Linear Technology LTC2970IUFD-1-PBF Datasheet HTML 7Page - Linear Technology LTC2970IUFD-1-PBF Datasheet HTML 8Page - Linear Technology LTC2970IUFD-1-PBF Datasheet HTML 9Page - Linear Technology LTC2970IUFD-1-PBF Datasheet HTML 10Page - Linear Technology LTC2970IUFD-1-PBF Datasheet HTML 11Page - Linear Technology LTC2970IUFD-1-PBF Datasheet HTML 12Page - Linear Technology LTC2970IUFD-1-PBF Datasheet HTML 13Page - Linear Technology LTC2970IUFD-1-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LTC2970/LTC2970-1
10
29701fc
PI FU CTIO S
VOUT1 (Pin 12): CH1 Voltage Output. Buffered version of
IDAC1 output voltage.
IOUT1 (Pin 13): IDAC1 Current Output. Connect a resistor
between this pin and the point-of-load ground for channel
1. The IDAC sources between 0 and 255μA.
IOUT0 (Pin 14): IDAC0 Current Output. Connect a resistor
between this pin and the point-of-load ground for channel
0. The IDAC sources between 0 and 255μA.
GPIO_1 (Pin 15): General Purpose Input or Open Drain
Digital Output. GPIO_1 can be configured as the IDAC
Fault or Faults output, a digital input, or an open-drain
digital output.
GPIO_0 (Pin 16): General Purpose Input or Open Drain
Digital Output. GPIO_0 can be configured as the voltage
monitor power-good or power-good bar output, a digital
input, or a programmable open-drain output. Power good
is the NOR of all instantaneous OV and UV faults; it does
not include IDAC faults.
⎯A⎯L⎯E⎯R⎯T (Pin 17): Open Drain Digital Output. Connect the
SMBALERT signal to this pin. ⎯A⎯L⎯E⎯R⎯T is asserted low when
either IDAC0 or IDAC1 rails out (optional), or when one
of the monitored voltages ventures outside its UV and OV
thresholds (also optional).
SCL (Pin 18): Serial Bus Clock Input.
SDA (Pin 19): Serial Bus Data Input and Output.
GPIO_CFG (Pin 20): GPIO Configuration Digital Input and
Open Drain Output. Pulling GPIO_CFG high will cause the
GPIO_0 and GPIO_1 open-drain outputs to automatically
assert low after a power-on reset. If GPIO_CFG is pulled
low, then GPIO_0 and GPIO_1 do not assert low after
power-up.
ASEL1 (Pin 21): Slave Address Select Bit 1. Tie this pin to
the VDD pin, ground, or float in order to select the address
location (see Table 2).
ASEL0 (Pin 22): Slave Address Select Bit 0. Tie this pin to
the VDD pin, ground, or float in order to select the address
location (see Table 2).
REF (Pin 23): Internal Reference Output or ADC Reference
Overdrive Input. The voltage at this pin determines the
full-scale input voltage of the delta-sigma ADC (VFULL-
SCALE = 6.65 • VREF, typically). An internal 3.5k resistor
decouples the reference output from this pin. Bypass this
pin to RGND with a 100nF capacitor (CREF).
RGND (Pin 24): Reference Ground. Connect to device
ground.
GND (Pin 25): Device Ground. Must be soldered to
ground.


Similar Part No. - LTC2970IUFD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2970IUFD-1 LINER-LTC2970IUFD-1 Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2970IUFD-1 LINER-LTC2970IUFD-1 Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
More results

Similar Description - LTC2970IUFD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970-1 LINER-LTC2970-1_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970IUFD LINER-LTC2970IUFD Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2970CUFD LINER-LTC2970CUFD Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
LTC2920-2 LINER-LTC2920-2_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Lattice Semiconductor
POWR6AT6 LATTICE-POWR6AT6 Datasheet
919Kb / 34P
   In-System Programmable Power Supply Monitoring and Margining Controller
ISPPAC-POWR1220AT8 LATTICE-ISPPAC-POWR1220AT8 Datasheet
1Mb / 54P
   In-System Programmable Power Supply Monitoring, Sequencing and Margining Controller
logo
Intersil Corporation
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com