Part Name
         Description
VCO190-680T

 VCO Product Specification ( 1 Page)


SIRENZA
100% 
Zoom Out Zoom In
   
 1 page
background image
VCO Product Specification
Model:
VCO190-680T(Y)
Rev:
Date: 8/31/2006
Customer: SIRENZA MICRODEVICES, INC.
Operating Temperature Range:
( -35 ° to 85 ° C)
RoHS Compliant
To order models as RoHS Compliant add "Y" suffix to base
model number.
Parameter
Min
Typ
Max
Units
X
Remarks
Frequency Range -
667
680
693
MHz
X
Tuning Voltage:
667 MHz
1
1.4
Vdc
X
693 MHz
3.7
4
Vdc
X
Tuning Sensitivity -
9
15
20
MHz/V
X
Output Power -
-2
1
4
dBm
X
Output Phase Noise:
10 kHz
-114
-108
dBc/Hz
100 kHz
-136
-128
dBc/Hz
X
Power Supply -
4.75
5
5.25
Volts
Supply Current -
11
15
mA
X
Harmonic Suppression:
2nd Harmonic
-15
-10
dBc
X
3rd Harmonic
-20
-10
dBc
X
Spurious (Non-Harmonic) -
-80
dBc
Frequency Pushing - 4.75-5.25 V
0.5
1.2
MHz p-p
Frequency Pulling - 12 dB RL
0.7
2
MHz p-p
Tuning Port Capacitance -
100
pF
Output Impedance -
50
Package Information
Package Type:
T (0.5 x 0.5 x 0.156 inches
)
Drawing Number:
60035
Comments
X Indicates parameter to be tested 100% in production
Performance tests and ratings for Sirenza Microdevices' products were performed internally by Sirenza and measured using specific computer systems
and/or components and reflect the approximate performance of the the products as measured by those tests. Any difference in circuit implementation, test
software, or test equipment may affect actual performance. The information provided herein is believed to be reliable at press time and Sirenza
Microdevices assumes no responsibility for the use of this information. All such use shall be entirely at the user's own risk. Prices and specifications for
Sirenza Microdevices' products are subject to change without notice. Buyers should consult Sirenza Microdevices' standard terms and conditions of sale
for Sirenza's limited warranty with regard to its products. These products may be patented or include patented technology. No patent rights or licenses to
any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any product for use in
life-support devices and/or systems.
Page 1 of 1
Sirenza Microdevices, Inc.
303 S. Technology Ct.
Broomfield, CO 80021
tel 303.327.3030
fax 303.410.7988



Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VCO190-235TVCO Product Specification 1 SIRENZA MICRODEVICES
VCO190-450AMTVCO Product Specification 1 SIRENZA MICRODEVICES
VCO190-250TVCO Product Specification 1 SIRENZA MICRODEVICES
VCO190-450MTVCO Product Specification 1 SIRENZA MICRODEVICES
VCO190-260TVCO Product Specification 1 SIRENZA MICRODEVICES
VCO190-450TVCO Product Specification 1 SIRENZA MICRODEVICES
VCO190-295TVCO Product Specification 1 SIRENZA MICRODEVICES
VCO190-470TVCO Product Specification 1 SIRENZA MICRODEVICES
VCO190-300TVCO Product Specification 1 SIRENZA MICRODEVICES
VCO190-490TVCO Product Specification 1 SIRENZA MICRODEVICES

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl