Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2953IDD-1-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2953IDD-1-TRPBF
Description  Push Button On/Off Controller with Voltage Monitoring
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2953IDD-1-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2953IDD-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC2953IDD-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC2953IDD-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC2953IDD-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC2953IDD-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC2953IDD-1-TRPBF Datasheet HTML 10Page - Linear Technology LTC2953IDD-1-TRPBF Datasheet HTML 11Page - Linear Technology LTC2953IDD-1-TRPBF Datasheet HTML 12Page - Linear Technology LTC2953IDD-1-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC2953
9
2953f
TIMING DIAGRAMS
tDB, ON
tKILL, ON BLANK
PB
KILL
EN
(LTC2953-1)
2953 TD01
PB, UVLO AND KILL
IGNORED
DO NOT CARE
SYSTEM SETS KILL HIGH
Figure 1. Power On Timing (UVLO > 0.55V)
tDB, OFF
tINT, Min
t < tPDT
UVLO
INT
PDT
EN
(LTC2953-1)
tPD, Min
2953 TD02
PB AND UVLO
IGNORED
UVLO IGNORED
PB
ENABLE DOES NOT SWITCH LOW
Figure 2.
⎯P⎯B Interrupt Pulse: ⎯P⎯B Low for t
DB,OFF < t < (tPD, Min + tPDT) (Enable Remains Active)


Similar Part No. - LTC2953IDD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2953IDD-1#PBF LINER-LTC2953IDD-1#PBF Datasheet
215Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
More results

Similar Description - LTC2953IDD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
   Push Button On/Off Controller
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
   Push Button On/Off Controller
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
logo
STMicroelectronics
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
logo
CW Industries
GC-536-0102 CWIND-GC-536-0102 Datasheet
108Kb / 1P
   SWITCH ASSEMBLY PUSH ON-PUSH OFF S.P.D.T. W/SPECIAL BUTTON
logo
Linear Technology
LTC2952 LINER-LTC2952 Datasheet
333Kb / 28P
   Push Button PowerPathTM Controller with Supervisor
logo
Torex Semiconductor
XC6190B TOREX-XC6190B Datasheet
475Kb / 21P
   Push Button Reboot Controller
XC6190 TOREX-XC6190 Datasheet
475Kb / 21P
   Push Button Reboot Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com