Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2951CDDB-2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2951CDDB-2
Description  Push Button On/Off Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2951CDDB-2 Datasheet(HTML) 5 Page - Linear Technology

  LTC2951CDDB-2 Datasheet HTML 1Page - Linear Technology LTC2951CDDB-2 Datasheet HTML 2Page - Linear Technology LTC2951CDDB-2 Datasheet HTML 3Page - Linear Technology LTC2951CDDB-2 Datasheet HTML 4Page - Linear Technology LTC2951CDDB-2 Datasheet HTML 5Page - Linear Technology LTC2951CDDB-2 Datasheet HTML 6Page - Linear Technology LTC2951CDDB-2 Datasheet HTML 7Page - Linear Technology LTC2951CDDB-2 Datasheet HTML 8Page - Linear Technology LTC2951CDDB-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC2951-1/LTC2951-2
5
295112fa
2951 G09
2951 G10
EN/EN CURRENT LOAD (mA)
0
500
400
300
200
100
0
8
2951 G11
2
4
6
10
2951 G13
VIN (V)
–10010
20
30
–5
5
15
25
–250
–200
–150
–100
–50
0
PB VOLTAGE (V)
TA = 25°C
VIN = 3.3V
0
0
50
100
150
200
250
300
510
15
20
VIN = 3.3V
TA = 25°C
EXTERNAL PB RESISTANCE TO GROUND (k
Ω)
TA = –45°C
TA = 100°C
TA = 25°C
VIN = 3.3V
04
1
2
3
4
3
2
1
0
TA = 25°C
100k PULL-UP FROM EN TO VIN
VIN (V)
0
4
2951 G12
1
2
3
TA = 25°C
100k PULL-UP FROM EN TO VIN
1.0
0.8
0.6
0.4
0.2
0
TYPICAL PERFOR A CE CHARACTERISTICS
⎯P⎯B Current vs ⎯P⎯B Voltage
⎯P⎯B Voltage vs External ⎯P⎯B
Resistance to Ground
EN/⎯E⎯N VOL vs Current Load
⎯E⎯N (LTC2951-2) Voltage vs VIN
EN (LTC2951-1) Voltage vs VIN


Similar Part No. - LTC2951CDDB-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2951CDDB-2 LINER-LTC2951CDDB-2 Datasheet
193Kb / 16P
   Push Button On/Off Controller
More results

Similar Description - LTC2951CDDB-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
   Push Button On/Off Controller
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
logo
STMicroelectronics
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
logo
CW Industries
GC-536-0102 CWIND-GC-536-0102 Datasheet
108Kb / 1P
   SWITCH ASSEMBLY PUSH ON-PUSH OFF S.P.D.T. W/SPECIAL BUTTON
logo
Torex Semiconductor
XC6190B TOREX-XC6190B Datasheet
475Kb / 21P
   Push Button Reboot Controller
XC6190 TOREX-XC6190 Datasheet
475Kb / 21P
   Push Button Reboot Controller
logo
Schneider Electric
9001K85 SCHNEIDER-9001K85 Datasheet
155Kb / 2P
   30MM PUSH-ON, PUSH-OFF MODULE
Jan 20, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com