Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2951CDDB-2 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2951CDDB-2
Description  Push Button On/Off Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2951CDDB-2 Datasheet(HTML) 3 Page - Linear Technology

  LTC2951CDDB-2 Datasheet HTML 1Page - Linear Technology LTC2951CDDB-2 Datasheet HTML 2Page - Linear Technology LTC2951CDDB-2 Datasheet HTML 3Page - Linear Technology LTC2951CDDB-2 Datasheet HTML 4Page - Linear Technology LTC2951CDDB-2 Datasheet HTML 5Page - Linear Technology LTC2951CDDB-2 Datasheet HTML 6Page - Linear Technology LTC2951CDDB-2 Datasheet HTML 7Page - Linear Technology LTC2951CDDB-2 Datasheet HTML 8Page - Linear Technology LTC2951CDDB-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2951-1/LTC2951-2
3
295112fa
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.7V to 26.4V, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Push Button Pin (⎯P⎯B)
V⎯P⎯B(MIN, MAX)
⎯P⎯B Voltage Range
Single-Ended
–1
26.4
V
I⎯P⎯B
⎯P⎯B Input Current
2.5V < V⎯P⎯B < 26.4V
V⎯P⎯B = 1V
V⎯P⎯B = 0.6V
–1
–3
–6
–9
±1
–12
–15
µA
µA
µA
V⎯P⎯B(VTH)
⎯P⎯B Input Threshold
⎯P⎯B Falling
0.6
0.8
1
V
V⎯P⎯B(VOC)
⎯P⎯B Open Circuit Voltage
I⎯P⎯B = –1µA
11.62
V
Timing Pins (KILLT, OFFT)
IKILLT, OFFT(PU)
KILLT/OFFT Pull Up Current
VKILLT, OFFT = 0V
–2.4
–3
–3.6
µA
IKILLT, OFFT(PD)
KILLT/OFFT Pull Down Current
VKILLT, OFFT = 1.3V
2.4
3
3.6
µA
tDB, ON
Turn On Debounce Time
⎯P⎯B Falling → Enable Asserted
100
128
163
ms
tDB, OFF
Internal Turn Off Debounce Time
OFFT Pin Float, ⎯P⎯B Falling → ⎯I⎯N⎯T Falling
26
32
41
ms
tOFFT
Additional Adjustable Turn Off Time COFFT = 1500pF
9
11.5
13.5
ms
µP Handshake Pins (⎯I⎯N⎯T, ⎯K⎯I⎯L⎯L)
I⎯I⎯N⎯T(LKG)
⎯I⎯N⎯T Leakage Current
V⎯⎯⎯I⎯N⎯T = 3V
±1
µA
V⎯I⎯N⎯T(VOL)
⎯I⎯N⎯T Output Voltage Low
I⎯⎯⎯I⎯N⎯T = 3mA
0.11
0.4
V
V⎯K⎯I⎯L⎯L(TH)
⎯K⎯I⎯L⎯L Input Threshold Voltage
⎯K⎯I⎯L⎯L Falling
0.57
0.6
0.63
V
V⎯K⎯I⎯L⎯L(HYST)
⎯K⎯I⎯L⎯L Input Threshold Hysteresis
10
30
50
mV
I⎯K⎯I⎯L⎯L(LKG)
⎯K⎯I⎯L⎯L Leakage Current
V⎯K⎯I⎯L⎯L = 0.6V
±0.1
µA
t⎯K⎯I⎯L⎯L(PW)
⎯K⎯I⎯L⎯L Minimum Pulse Width
30
µs
t⎯K⎯I⎯L⎯L(PD)
⎯K⎯I⎯L⎯L Propagation Delay
⎯K⎯I⎯L⎯L Falling → Enable Released
30
µs
t⎯K⎯I⎯L⎯L, ON BLANK
⎯K⎯I⎯L⎯L Turn On Blanking (Note 3)
⎯K⎯I⎯L⎯L = Low, Enable Asserted → Enable
Released
400
512
650
ms
t⎯K⎯I⎯L⎯L, OFF DELAY
Internal ⎯K⎯I⎯L⎯L Turn Off Delay
(Note 4)
KILLT Pin Float, ⎯K⎯I⎯L⎯L = High, ⎯⎯I⎯⎯⎯N⎯⎯⎯T Asserted →
Enable Released
100
128
163
ms
t⎯K⎯I⎯L⎯L, OFF DELAY,
ADDITIONAL
Additional Adjustable ⎯K⎯I⎯L⎯L Turn Off
Delay (Note 4)
CKILLT = 1500pF
9
11.5
13.5
ms
tEN/⎯E⎯N, Lock Out
EN/⎯E⎯N Lock Out Time (Note 5)
Enable Released → Enable Asserted
200
256
325
ms
IEN/⎯E⎯N(LKG)
EN/⎯E⎯N Leakage Current
VEN/⎯E⎯N = 1V, Sink Current Off
±0.1
µA
VEN/⎯E⎯N(VOL)
EN/⎯E⎯N Voltage Output Low
IEN/⎯E⎯N = 3mA
0.11
0.4
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 3: The ⎯K⎯I⎯L⎯L turn on blanking timer period is the waiting period
immediately after the enable output is asserted. This blanking time allows
sufficient time for the DC/DC converter and the µP to perform power up
tasks. The ⎯K⎯I⎯L⎯L and ⎯P⎯B inputs are ignored during this period. If ⎯K⎯I⎯L⎯L
remains low at the end of this time period, the enable output is released,
thus turning off system power. This time delay does not include tDB, ON.
Note 4: The internal ⎯K⎯I⎯L⎯L turn off delay (t⎯K⎯I⎯L⎯L, OFF DELAY) is the default
delay from the initiation of a power off sequence (⎯I⎯N⎯T falling, ⎯K⎯I⎯L⎯L = high),
to the release of the enable output. The additional, adjustable ⎯K⎯I⎯L⎯L turn
off delay (t⎯K⎯I⎯L⎯L, OFF DELAY, ADDITIONAL) uses an optional external capacitor
(CKILLT) to provide extra delay from ⎯I⎯N⎯T falling to the release of the enable
output. If the ⎯K⎯I⎯L⎯L input switches low at any time during ⎯K⎯I⎯L⎯L turn off
delay, enable is released, thus turning off system power.
Note 5: The enable lock out time is designed to allow an application to
properly power down such that the next power up sequence starts from a
consistent powered down configuration. ⎯P⎯B is ignored during this lock out
time. This time delay does not include tDB, ON.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC2951CDDB-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2951CDDB-2 LINER-LTC2951CDDB-2 Datasheet
193Kb / 16P
   Push Button On/Off Controller
More results

Similar Description - LTC2951CDDB-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
   Push Button On/Off Controller
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
logo
STMicroelectronics
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
logo
CW Industries
GC-536-0102 CWIND-GC-536-0102 Datasheet
108Kb / 1P
   SWITCH ASSEMBLY PUSH ON-PUSH OFF S.P.D.T. W/SPECIAL BUTTON
logo
Torex Semiconductor
XC6190B TOREX-XC6190B Datasheet
475Kb / 21P
   Push Button Reboot Controller
XC6190 TOREX-XC6190 Datasheet
475Kb / 21P
   Push Button Reboot Controller
logo
Schneider Electric
9001K85 SCHNEIDER-9001K85 Datasheet
155Kb / 2P
   30MM PUSH-ON, PUSH-OFF MODULE
Jan 20, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com