Part Name
         Description
VCO190-250T

 VCO Product Specification ( 1 Page)


SIRENZA
100% 
Zoom Out Zoom In
   
 1 page
background image
VCO Product Specification
Model:
VCO190-250T(Y)
Rev:
Date: 8/31/2006
Customer: SIRENZA MICRODEVICES, INC.
Operating Temperature Range:
( -35 ° to 85 ° C)
RoHS Compliant
To order models as RoHS Compliant add "Y" suffix to base
model number.
Parameter
Min
Typ
Max
Units
X
Remarks
Frequency Range -
200
250
300
MHz
X
Tuning Voltage:
200 MHz
1
2
Vdc
X
300 MHz
11
12
Vdc
X
Tuning Sensitivity -
8
11.5
15
MHz/V
X
Output Power -
-3
0
3
dBm
X
Output Phase Noise:
10 kHz
-110
-104
dBc/Hz
100 kHz
-130
-124
dBc/Hz
X
Power Supply -
4.75
5
5.25
Volts
Supply Current -
11
14
mA
X
Harmonic Suppression:
2nd Harmonic
-13
-8
dBc
X
3rd Harmonic
-13
-8
dBc
X
Spurious (Non-Harmonic) -
-80
dBc
Frequency Pushing - 4.75-5.25 V
1.5
2
MHz p-p
Frequency Pulling - 12 dB RL
0.4
1
MHz p-p
Tuning Port Capacitance -
270
330
pF
Output Impedance -
50
Package Information
Package Type:
T (0.5 x 0.5 x 0.156 inches
)
Drawing Number:
60035
Comments
X Indicates parameter to be tested 100% in production
Performance tests and ratings for Sirenza Microdevices' products were performed internally by Sirenza and measured using specific computer systems
and/or components and reflect the approximate performance of the the products as measured by those tests. Any difference in circuit implementation, test
software, or test equipment may affect actual performance. The information provided herein is believed to be reliable at press time and Sirenza
Microdevices assumes no responsibility for the use of this information. All such use shall be entirely at the user's own risk. Prices and specifications for
Sirenza Microdevices' products are subject to change without notice. Buyers should consult Sirenza Microdevices' standard terms and conditions of sale
for Sirenza's limited warranty with regard to its products. These products may be patented or include patented technology. No patent rights or licenses to
any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any product for use in
life-support devices and/or systems.
Page 1 of 1
Sirenza Microdevices, Inc.
303 S. Technology Ct.
Broomfield, CO 80021
tel 303.327.3030
fax 303.410.7988



Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VCO190-235TVCO Product Specification 1 SIRENZA MICRODEVICES
VCO190-52UVCO Product Specification 1 SIRENZA MICRODEVICES
VCO190-70TVCO Product Specification 1 SIRENZA MICRODEVICES
VCO190-112TVCO Product Specification 1 SIRENZA MICRODEVICES
CRO190-1198TCRO Product Specification 1 SIRENZA MICRODEVICES
PLL300-835PLL Product Specification 1 SIRENZA MICRODEVICES
PLL350-1760PLL Product Specification 1 SIRENZA MICRODEVICES
PLL400-810PLL Product Specification 1 SIRENZA MICRODEVICES
PLL400-1681PLL Product Specification 1 SIRENZA MICRODEVICES

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl