Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1899GG Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1899GG
Description  1.0MHz Current-Mode Step-Up DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1899GG Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1899GG Datasheet HTML 1Page - Analog Intergrations Corporation AIC1899GG Datasheet HTML 2Page - Analog Intergrations Corporation AIC1899GG Datasheet HTML 3Page - Analog Intergrations Corporation AIC1899GG Datasheet HTML 4Page - Analog Intergrations Corporation AIC1899GG Datasheet HTML 5Page - Analog Intergrations Corporation AIC1899GG Datasheet HTML 6Page - Analog Intergrations Corporation AIC1899GG Datasheet HTML 7Page - Analog Intergrations Corporation AIC1899GG Datasheet HTML 8Page - Analog Intergrations Corporation AIC1899GG Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AIC1899
4
TYPICAL PERFORMANCE CHARACTERISTICS
-40
-20
0
20
40
60
80
100
0.80
0.85
0.90
0.95
1.00
1.05
1.15
Fig. 2
Switching Frequency vs. Temperature
VIN=3.6V
Temperature (°C)
Fig. 3
Feedback Pin Voltage
Temperature (°C)
-50
-25
0
25
50
75
100
1.20
1.21
1.22
1.23
1.24
1.25
VIN=3.6V
0
15
30
45
60
75
90
60
65
70
75
80
85
90
Output Current (mA)
Fig. 4
Efficiency vs. Output Current
VOUT=5.0V
L1: 10uH, GTSK-51-100M
VIN=4.2V
VIN=3.3V
VIN=2.5V
VIN=3.6V
VIN=2.7V
Output Current (mA)
Fig. 5
Efficiency vs. output current
0
15
30
45
60
60
65
70
75
80
85
90
VIN=5.0V
VIN=3.6V
VIN=4.2V
VOUT=15V
L1: 22uH, SLF6025-220MR
VIN=3.3V
1
10
100
4.50
4.75
5.00
5.25
5.50
VIN=3.6V
Output Current (mA)
Fig. 6
Load Regulation (L1=10
μH)
Output Current (mA)
Fig. 7
Load Regulation (L1=22
μH)
1
10
13.5
14.0
14.5
15.0
15.5
VIN=3.3V
100


Similar Part No. - AIC1899GG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1896 AIC-AIC1896 Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
AIC1896GG AIC-AIC1896GG Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
AIC1896GK AIC-AIC1896GK Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
AIC1896PG AIC-AIC1896PG Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
AIC1896PK AIC-AIC1896PK Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
More results

Similar Description - AIC1899GG

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
   1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Diodes Incorporated
PAM2401 DIODES-PAM2401 Datasheet
485Kb / 10P
   1.0MHz STEP-UP DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
logo
Silicon Standard Corp.
SS6896 SSC-SS6896 Datasheet
481Kb / 12P
   1.4MHz Current-Mode Step-Up DC/DC Converter
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
   1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1896 MAXIM-MAX1896 Datasheet
755Kb / 10P
   1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
logo
BCD Semiconductor Manuf...
AP3431 BCDSEMI-AP3431 Datasheet
1Mb / 19P
   1.0MHz, 2.0A, Synchronous Step Down DC-DC Converter
logo
Diodes Incorporated
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5171 HMSEMI-HM5171 Datasheet
580Kb / 11P
   2A, 1.0MHZ High Efficiency Synchronous Rectified Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX751 MAXIM-MAX751 Datasheet
448Kb / 12P
   5V-Output, Step-Up, Current-Mode PWM DC-DC Converter
Rev 1; 11/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com