Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1896 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1896
Description  1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1896 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1896 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1896 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1896 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1896 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1896 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1896 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1896 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1896 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1896 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AIC1896
5
TYPICAL PERFORMANCE CHARACTERISTICS
-40
-20
0
20
40
60
80
100
1.20
1.25
1.30
1.35
1.40
1.45
1.50
Fig. 3
Switching Frequency vs. Temperature
VIN=3.6V
Temperature (°C)
2
3
4
5
6
7
8
9
10
11
1.30
1.35
1.40
1.45
1.50
Fig. 4
Frequency vs. Supply Voltage
TA=25°C
Supply Voltage (V)
2
3
4
5
6
7
8
9
10
11
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
Supply Voltage (V)
Fig. 5
RDSON vs. Supply Voltage
1
10
100
4.50
4.75
5.00
5.25
5.50
VIN=3.6V
Output Current (mA)
Fig. 6
Load Regulation (L1=10
μH)
Output Current (mA)
Fig. 7
Load Regulation (L1=22
μH)
1
10
10.5
11.0
11.5
12.0
12.5
VIN=3.6V
100
2
3
4
5
6
7
8
9
10
11
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
FB=1.0V
SHDN=1.0V
Supply Voltage (V)
Fig. 8 Switching Current


Similar Part No. - AIC1896

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
AIC1899GG AIC-AIC1899GG Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
AIC1899GK AIC-AIC1899GK Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
AIC1899PG AIC-AIC1899PG Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
AIC1899PK AIC-AIC1899PK Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
More results

Similar Description - AIC1896

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
logo
ams AG
AS1330 AMSCO-AS1330 Datasheet
1Mb / 16P
   4MHz, Low Voltage, DC-DC Step-Up Converter
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6896 SSC-SS6896 Datasheet
481Kb / 12P
   1.4MHz Current-Mode Step-Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
   1.0MHz Current-Mode Step-Up DC/DC Converter
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
   1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1896 MAXIM-MAX1896 Datasheet
755Kb / 10P
   1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
MAX751 MAXIM-MAX751 Datasheet
448Kb / 12P
   5V-Output, Step-Up, Current-Mode PWM DC-DC Converter
Rev 1; 11/96
logo
AiT Semiconductor Inc.
A7545 AITSEMI-A7545 Datasheet
448Kb / 8P
   DC-DC CONVERTER/BOOST (STEP-UP) LOW-NOISE 4.5A STEP-UP CURRENT MODE PWM CONVERTER
REV1.0
A7632 AITSEMI-A7632 Datasheet
879Kb / 12P
   DC-DC CONVERTER (BOOST) 2A 28V 1.2MHz CURRENT MODE STEP-UP CONVERTER
REV2.0 - MAR 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com