Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1843 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1843
Description  High Efficiency 1.5X charge Pump For White LEDs Backlighting
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1843 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1843 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1843 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1843 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1843 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1843 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1843 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1843 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1843 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1843 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AIC1843
High Efficiency 1.5X charge Pump
For White LEDs Backlighting
Analog Integrations Corporation
3A1, No.1 Li-Hsin Rd. I, Science Park, Hsinchu 300, Taiwan
DS-1843G-03 080907
TEL: 886-3-5772500
FAX: 886-3-5772510 www.analog.com.tw
1
FEATURES
1MHz Switching Frequency
2.7V to 5.5V Input Voltage Range
Low Shutdown Current: ≦1
µA
Regulated 20mA Full-Scale Output Current
32-Position Linear Scale with Digital Control
High Accuracy Brightness Matching
33% Less Input Current Than Doubler Charge
Pump
No Inductors Required
Build-in Soft-Start
Current Limit and Over Temperature Protection
12-Pin DFN Package
APPLICATIONS
Cellular Phones
PDAs
Digital Still Cameras
Handheld Devices
White LED Backlighting
GENERAL DESCRIPTION
The AIC1843 provides 4 LED current source
outputs with regulated constant current for uniform
intensity. The AIC1843 is the low noise, constant
frequency charge pump DC/DC converter that
uses 1.5X conversion to increase efficiency in
white LED applications. The devices can be used
to produce current levels up to 20mA for each
output from a 2.7V to 5.5V input. Low external
parts counts (two 1μF flying capacitors and two
small bypass capacitors at VIN, and OUT) make
the AIC1843 ideal for small, battery-powered
applications.
EN/SET interface is used to enable, disable and
set the LED current for a 32 level logic scale LED
brightness control. Built-in current limiting, with
thermal shutdown provides protection to the
AIC1843 against fault conditions. Automatic soft-
start circuitry prevents excessive inrush current
during start-up. 1MHz high switching frequency is
enable to use tiny external components.
The AIC1843 is available in a 12-pin thin DFN
package.
TYPICAL APPLICATION CIRCUIT
D2
D3
D4
C1+
C1-
OUT
C2+
C2-
GND
VIN
EN/SET
D1
AIC1843
U1
EN/SET
Vin=2.7V~5.5V
1uF
CFLY2
1uF
Cout
1uF
Cin
1uF
CFLY1


Similar Part No. - AIC1843

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1841 AIC-AIC1841 Datasheet
635Kb / 17P
   High Efficiency 1.5X charge Pump For White LEDs Backlighting
AIC1842 AIC-AIC1842 Datasheet
635Kb / 17P
   High Efficiency 1.5X charge Pump For White LEDs Backlighting
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
AIC1845CG ETC2-AIC1845CG Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
AIC1845CGBG ETC2-AIC1845CGBG Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
More results

Similar Description - AIC1843

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1841 AIC-AIC1841 Datasheet
635Kb / 17P
   High Efficiency 1.5X charge Pump For White LEDs Backlighting
logo
Advanced Analogic Techn...
AAT3194 ANALOGICTECH-AAT3194_08 Datasheet
1Mb / 12P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3151B ANALOGICTECH-AAT3151B Datasheet
265Kb / 15P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3151B ANALOGICTECH-AAT3151B_08 Datasheet
295Kb / 13P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3132 ANALOGICTECH-AAT3132 Datasheet
220Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump for White LED Applications
AAT3194 ANALOGICTECH-AAT3194 Datasheet
312Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
logo
Sipex Corporation
SP6682 SIPEX-SP6682_06 Datasheet
515Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
SP6682 SIPEX-SP6682 Datasheet
190Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com