Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1529 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1529
Description  Quad USB High-Side Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1529 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1529 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1529 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1529 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1529 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1529 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1529 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1529 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1529 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1529 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AIC1529
Quad USB High-Side Power Switch
Analog Integrations Corporation
Si-Soft Research Center
DS-1529G-01 121808
3A1, No.1, Li-Hsin Rd. I, Science Park, Hsinchu 300, Taiwan, R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
• 110mΩ (5V Input) High-Side MOSFET Switch.
500mA Continuous Load Current per Channel.
220µA Typical On-State Supply Current.
1µA Typical Off-State Supply Current.
Current-Limit / Short Circuit Protection.
Thermal Shutdown Protection under Overcurrent
Condition.
Undervoltage Lockout Ensures that Switch is off at
Start Up.
Output
can
be
Forced
Higher
than
Input
(Off-State).
Open-Drain Fault Flag.
Slow Turn ON and Fast Turn OFF.
Enable Active-High or Active-Low.
APPLICATIONS
• USB Power Management.
Hot Plug-In Power Supplies.
Battery-Charger Circuit.
DESCRIPTION
The AIC1529 is a quad high-side power switch
for self-powered and bus-powered Universal
Serial Bus (USB) applications. Both high-side
switches are MOSFET with 110mΩ RDS(ON),
which meets USB voltage drop requirements for
maximum transmission wire length.
Multi-purpose
open-drain
fault
flag
output
indicates over-current limiting, thermal shutdown,
or undervoltage lockout for each channel. Output
current is typically limited to 1.3A, and the
thermal shutdown
functions
of
the power
switches independently control their channel
under overcurrent condition.
Guaranteed minimum output rise time limits
inrush current during hot plug-in as well as
minimizing EMI and prevents the voltage at
upstream port from dropping excessively.


Similar Part No. - AIC1529

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CX AIC-AIC1520CX Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CZ AIC-AIC1520CZ Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1521 AIC-AIC1521 Datasheet
178Kb / 9P
   Single High-Side Power Switch With Control Function
AIC1521-0CO AIC-AIC1521-0CO Datasheet
178Kb / 9P
   Single High-Side Power Switch With Control Function
More results

Similar Description - AIC1529

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1527 AIC-AIC1527 Datasheet
158Kb / 8P
   Quad USB High-Side Power Switch
logo
Silicon Standard Corp.
SS6527 SSC-SS6527 Datasheet
508Kb / 9P
   Quad USB High-Side Power Switch
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
logo
Renesas Technology Corp
PD16874 RENESAS-PD16874_15 Datasheet
240Kb / 22P
   QUAD Pch HIGH-SIDE SWITCH FOR USB
logo
Sipex Corporation
SP2525A SIPEX-SP2525A Datasheet
234Kb / 9P
   USB High-Side Power Switch
logo
RICOH electronics devic...
R5520H RICOH-R5520H Datasheet
166Kb / 14P
   USB HIGH-SIDE POWER SWITCH
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6525 SSC-SS6525 Datasheet
529Kb / 9P
   USB High-Side Power Switch
logo
Analog Intergrations Co...
AIC1525 AIC-AIC1525 Datasheet
158Kb / 10P
   USB High-Side Power Switch
logo
RICOH electronics devic...
R5523N RICOH-R5523N Datasheet
332Kb / 12P
   USB HIGH-SIDE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com