Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1384 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1384
Description  DDR Termination Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1384 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1384 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1384 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1384 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1384 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1384 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1384 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1384 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1384 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1384 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AIC1384
DDR Termination Regulator
Analog Integrations Corporation
Si-Soft Research Center
DS-1384G-01 073108
3A1, No.1, Li-Hsin Rd. I , Science Park , Hsinchu 300, Taiwan , R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
Source and Sink Current Capability
Suspend To RAM Functionality
Support DDRⅠ (1.25VTT) and DDRⅡ (0.9VTT)
Requirements
Low Output Voltage Offset,
±20mV
High Accuracy Output Voltage at Full-Load
Low External Component Count
No external resistor required
Current Limit protection
Thermal Protection
SOP-8 and SOP-8 Exposed Pad (Heat Sink)
Package
APPLICATIONS
Mother board
Graphic cards
DDRⅠ and DDRⅡ termination voltage
DESCRIPTION
The AIC1384 linear regulator is designed to
deliver 1.5A continuous current and up to 3A
peak transient currents for termination of DDR-
SRAM. The AIC1384 contains a high-speed
operational amplifier to supply superior load
transient response. It also includes a VSENSE to
provide excellent load regulation and VREF
output as a reference for the chipset and
DIMMs. The AIC1384 supply accurate VTT and
VREF without external resistors that save PCB
areas.
The AIC1384 also features an active low
shutdown pin that provides Suspend To RAM
(STR) functionality. The VTT will remain high
impedance when in shutdown, but VREF will
keep active. The advantage of power saving
can be obtained through low 150
µA (DDRⅠ)
quiescent current.
Built in current limiting in source and sink mode,
with
thermal
shutdown
provide
maximal
protection
to
the
AIC1384
against
fault
conditions.
TYPICAL APPLICATION CIRCUIT
GND
1
SD
2
VSENSE
3
VREF
4
VDDQ
5
AVIN
6
PVIN
7
VTT
8
AIC1384
10nF
VREF=1.25V
SD
VIN=2.5V
VTT=1.25V
VDDQ=2.5V
47uF
Cin
22uF
Cout


Similar Part No. - AIC1384

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIC1383 ETC-AIC1383 Datasheet
473Kb / 7P
   1.5 TERMINATION REGULATOR
logo
Analog Intergrations Co...
AIC1383B AIC-AIC1383B Datasheet
512Kb / 9P
   3A TERMINATION REGULATOR
AIC1383BCE5TR AIC-AIC1383BCE5TR Datasheet
512Kb / 9P
   3A TERMINATION REGULATOR
AIC1383BCM5TR AIC-AIC1383BCM5TR Datasheet
512Kb / 9P
   3A TERMINATION REGULATOR
AIC1383BCSTR AIC-AIC1383BCSTR Datasheet
512Kb / 9P
   3A TERMINATION REGULATOR
More results

Similar Description - AIC1384

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
   DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
   DDR Termination Regulator
logo
HTC Korea TAEJIN Techno...
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
   DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
   DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
   DDR Termination Regulator
G2993 GMT-G2993 Datasheet
232Kb / 10P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com