Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1190 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1190
Description  Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1190 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1190 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1190 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1190 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1190 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1190 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1190 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1190 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1190 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1190 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AIC1190
2
TYPICAL APPLICATION CIRCUIT (Continued)
Adjustable Linear Regulator in SOP-8 Exposed Pad Package
ORDERING INFORMATION
PACKING TYPE
TR: TAPE & REEL
TB: TUBE
PACKAGE TYPE
Y3: SOT-223
E3: TO-252
M3: TO-263
T3: TO-220
P: Lead Free Commercial
G: Green Package
OUTPUT VOLTAGE
12: 1.2V
15: 1.5V
18: 1.8V
20: 2.0V
25: 2.5V
27: 2.7V
30: 3.0V
33: 3.3V
35: 3.5V
37: 3.7V
38: 3.8V
(Of a unit of 0.1V within
0.8~4.5V, additional voltage
versions are available on
demand)
3 PIN CONFIGURATION
TO-263 (M3)
TOP VIEW
1: VIN
2: GND (TAB)
3: VOUT
TO-252 (E3)
TOP VIEW
1: VIN
2: GND (TAB)
3: VOUT
AIC1190-XXXXX XX
Example:
AIC1190-18PE3TR
1.8V Version, in TO-252 Lead Free
Package & Tape & Reel Packing Type
SOT-223 (Y3)
TOP VIEW
1: VIN
2: GND (TAB)
3: VOUT
TO-220 (T3)
TOP VIEW
1: VIN
2: GND (TAB)
3: VOUT
2
3
1
2
3
1
1
2
3
2
3
1


Similar Part No. - AIC1190

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1190-xxPY3 AIC-AIC1190-xxPY3 Datasheet
357Kb / 20P
   Ultra LDO 1A Linear Regulator With
AIC1190 AIC-AIC1190_15 Datasheet
357Kb / 20P
   Ultra LDO 1A Linear Regulator With
More results

Similar Description - AIC1190

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1221 SMC-SULR1221 Datasheet
547Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Analog Intergrations Co...
AIC1189 AIC-AIC1189 Datasheet
563Kb / 20P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
AIC1221 AIC-AIC1221 Datasheet
535Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable AND Bypass Pin
AIC1190 AIC-AIC1190_15 Datasheet
357Kb / 20P
   Ultra LDO 1A Linear Regulator With
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
SULR1190 SMC-SULR1190 Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com