Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2950CTS8-2-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2950CTS8-2-TRPBF
Description  Push Button On/Off Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2950CTS8-2-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2950CTS8-2-TRPBF Datasheet HTML 5Page - Linear Technology LTC2950CTS8-2-TRPBF Datasheet HTML 6Page - Linear Technology LTC2950CTS8-2-TRPBF Datasheet HTML 7Page - Linear Technology LTC2950CTS8-2-TRPBF Datasheet HTML 8Page - Linear Technology LTC2950CTS8-2-TRPBF Datasheet HTML 9Page - Linear Technology LTC2950CTS8-2-TRPBF Datasheet HTML 10Page - Linear Technology LTC2950CTS8-2-TRPBF Datasheet HTML 11Page - Linear Technology LTC2950CTS8-2-TRPBF Datasheet HTML 12Page - Linear Technology LTC2950CTS8-2-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC2950-1/LTC2950-2
9
295012fb
APPLICATIONS INFORMATION
Description
The LTC2950 is a low power (6μA), wide input voltage range
(2.7Vto26.4V),pushbuttonon/offcontrollerthatcaninterface
toaμPandapowersupply.Theturn-onandturn-offdebounce
times are extendable using optional external capacitors. A
simple interface (INT output, KILL input) allows a system to
power on and power off in a controlled manner.
Turn On
When power is first applied to the LTC2950, the part ini-
tializes the output pins. Any DC/DC converters connected
to the EN/EN pin will therefore be held off. To assert the
enable output, PB must be held low for a minimum of
32ms (tDB, ON). The LTC2950 provides additional turn on
debounce time via an optional capacitor connected to the
ONT pin (tONT). The following equation describes the ad-
ditional time that PB must be held low before asserting the
enable output. CONT is the ONT external capacitor:
CONT = 1.56E-4 [μF/ms] • (tONT – 1ms)
Once the enable output is asserted, any DC/DC converters
connected to this pin are turned on. The KILL input from the
μPisignoredduringasucceeding512msblankingtime(tKILL,
ON BLANK). This blanking time represents the maximum
time required to power up the DC/DC converter and the μP.
If KILL is not brought high during this 512ms time window,
the enable output is released. The assumption is that 512ms
is sufficient time for the system to power up.
Turn Off
To initiate a power off sequence, PB must be held low for a
minimum of 32ms (tDB, OFF). Additional turn off debounce
time may be added via an optional capacitor connected to
the OFFT pin (tOFFT). The following equation describes the
additional time that PB must be held low to initiate a power
off sequence. COFFT is the OFFT external capacitor:
COFFT = 1.56E-4 [μF/ms] • (tOFFT – 1ms)
Once PB has been validly pressed, INT is switched low. This
alerts the μP to perform its power down and housekeeping
tasks. The power down time given to the μP is 1024ms.
NotethattheKILLinputcanbepulledlow(therebyreleasingthe
enable output) at any time after tKILL, ON BLANK period.
Simplified Power On/Off Sequence
Figure 1 shows a simplified LTC2950-1 power on and power
off sequence. A high to low transition on PB (t1) initiates
the power on sequence. This diagram does not show any
bounce on PB. In order to assert the enable output, the
PB pin must stay low continuously (PB high resets timers)
for a time controlled by the default 32ms and the external
ONT capacitor (t2–t1). Once EN goes high (t2), an internal
512ms blanking timer is started. This blanking timer is
designed to give sufficient time for the DC/DC converter
to reach its final voltage, and to allow the μP enough time
to perform power on tasks.
The KILL pin must be pulled high within 512ms of the
EN pin going high. Failure to do so results in the EN
pin going low 512ms after it went high. (EN = low, see
Figure 2). Note that the LTC2950 does not sample KILL and
PB until after the 512ms internal timer has expired. The rea-
son PB is ignored is to ensure that the system is not forced
off while powering on. Once the 512ms timer expires (t4),
the release of the PB pin is then debounced with an internal
32ms timer. The system has now properly powered on and
the LTC2950 monitors PB and KILL (for a turnoff command)
while consuming only 6μA of supply current.
A high to low transition on PB (t5) initiates the power off
sequence. PB must stay low continuously (PB high resets
debounce timer) for a period controlled by the default 32ms
and the external OFFT capacitor (t6–t5). At the completion
of the OFFT timing (t6), an interrupt (INT) is set, signifying
that EN will be switched low in 1024ms. Once a system has
finished performing its power down operations, it can set
KILL low (t7) and thus immediately set EN low), terminating
the internal 1024ms timer. The release of the PB pin is then
debounced with an internal 32ms timer.
The system is now in its reset state: where the LTC2950
is in low power mode (6μA). PB is monitored for a high
to low transition.


Similar Part No. - LTC2950CTS8-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2950CTS8-2 LINER-LTC2950CTS8-2 Datasheet
189Kb / 18P
   Pushbutton On/Off Controller
LTC2950CTS8-2 LINER-LTC2950CTS8-2 Datasheet
189Kb / 18P
   Pushbutton On/Off Controller
More results

Similar Description - LTC2950CTS8-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
   Push Button On/Off Controller
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
logo
STMicroelectronics
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
logo
CW Industries
GC-536-0102 CWIND-GC-536-0102 Datasheet
108Kb / 1P
   SWITCH ASSEMBLY PUSH ON-PUSH OFF S.P.D.T. W/SPECIAL BUTTON
logo
Torex Semiconductor
XC6190B TOREX-XC6190B Datasheet
475Kb / 21P
   Push Button Reboot Controller
XC6190 TOREX-XC6190 Datasheet
475Kb / 21P
   Push Button Reboot Controller
logo
Schneider Electric
9001K85 SCHNEIDER-9001K85 Datasheet
155Kb / 2P
   30MM PUSH-ON, PUSH-OFF MODULE
Jan 20, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com