Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2935CDC-2-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2935CDC-2-TRPBF
Description  Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2935CDC-2-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC2935CDC-2-TRPBF Datasheet HTML 1Page - Linear Technology LTC2935CDC-2-TRPBF Datasheet HTML 2Page - Linear Technology LTC2935CDC-2-TRPBF Datasheet HTML 3Page - Linear Technology LTC2935CDC-2-TRPBF Datasheet HTML 4Page - Linear Technology LTC2935CDC-2-TRPBF Datasheet HTML 5Page - Linear Technology LTC2935CDC-2-TRPBF Datasheet HTML 6Page - Linear Technology LTC2935CDC-2-TRPBF Datasheet HTML 7Page - Linear Technology LTC2935CDC-2-TRPBF Datasheet HTML 8Page - Linear Technology LTC2935CDC-2-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC2935
3
2935f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Input Supply Voltage
l
5.5
V
ICC
VCC Input Supply Current
l
225
500
1000
nA
Reset Thresholds
VRTF1
Reset Threshold 1 (VCC Falling)
S2 = Low : S1 = Low : S0 = Low
l
3.251
3.300
3.349
V
VRTF2
Reset Threshold 2 (VCC Falling)
S2 = Low : S1 = Low : S0 = High
l
3.103
3.150
3.197
V
VRTF3
Reset Threshold 3 (VCC Falling)
S2 = Low : S1 = High : S0 = High
l
2.955
3.000
3.045
V
VRTF4
Reset Threshold 4 (VCC Falling)
S2 = Low : S1 = High : S0 = Low
l
2.808
2.850
2.892
V
VRTF5
Reset Threshold 5 (VCC Falling)
S2 = High : S1 = High : S0 = Low
l
2.660
2.700
2.740
V
VRTF6
Reset Threshold 6 (VCC Falling)
S2 = High : S1 = Low : S0 = Low
l
2.512
2.550
2.588
V
VRTF7
Reset Threshold 7 (VCC Falling)
S2 = High : S1 = Low : S0 = High
l
2.364
2.400
2.436
V
VRTF8
Reset Threshold 8 (VCC Falling)
S2 = High : S1 = High : S0 = High
l
2.217
2.250
2.283
V
ΔVRTF
Reset Threshold Differential
VRTF(N+1) – VRTF(N)
(Note 3)
l
142
150
158
mV
VRT(HYST)
Reset Threshold Hysteresis (VCC Rising)
Relative to Any Selected Reset Threshold
l
4.5
5
6
%
tUVR
Undervoltage Detect to RST Falling
VCC Below Threshold by 1% (Note 3)
1
ms
Power-Fail Thresholds
ΔVPFT
Power-Fail Threshold Differential
VPFT(N) – VRTF(N)
Any Selected Reset Threshold
(VCC Falling)
l
100
150
200
mV
VPFT(HYST)
Power-Fail Threshold Hysteresis
Relative to Any Selected Power-Fail
Threshold (VCC Rising)
l
2
2.5
3.5
%
tUVP
Undervoltage Detect to PFO Falling
VCC Below Threshold by 1% (Note 3)
1
ms
Control Inputs: MR, S2, S1, S0
VIN(TH)
Control Input Threshold
S2, S1, S0
MR
l
l
0.3 • VCC
0.4
0.7 • VCC
1.4
V
V
tPW
Input Pulse Width
MR
l
20
μs
tPD
Propagation Delay to RST Falling
Manual Reset Falling
l
25
20
μs
RPU
Internal Pull-Up Resistance
MR
l
600
900
1200
ILK
Input Leakage Current
S2, S1, S0 = VCC or GND
l
±1
±10
nA
Reset and Power-Fail Outputs: RST, PFO
VOL
Voltage Output Low
VCC = 1V, 200μA Pull-Up Current
VCC = 3V, 3mA Pull-Up Current
S2, S1, S0 = Low
l
l
25
50
100
150
mV
mV
VOH
Voltage Output High (LTC2935-2)
–200μA Pull-Down Current
l 0.7 • VCC
V
IOH
Current Output High, Leakage (LTC2935-1) VRST, VPFO = 3.6V
l
±1
±10
nA
tRST
Reset Timeout Period
l
140
200
260
ms
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 3.6V, unless otherwise noted. (Note 2)
Note 2. All currents into pins are positive, all voltages are referenced to
GND unless otherwise noted.
Note 3. Guaranteed by design. Characterized, but not production tested.


Similar Part No. - LTC2935CDC-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2935 LINER-LTC2935 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2935 LINER-LTC2935 Datasheet
144Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2935 LINER-LTC2935_15 Datasheet
144Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
More results

Similar Description - LTC2935CDC-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2935 LINER-LTC2935_15 Datasheet
144Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2934 LINER-LTC2934_15 Datasheet
182Kb / 12P
   Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2934 LINER-LTC2934 Datasheet
174Kb / 12P
   Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2915 LINER-LTC2915 Datasheet
143Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
[Old version datasheet]   Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
TPS3839A09 TI1-TPS3839A09 Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com