Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2950CDDB-2-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2950CDDB-2-TRPBF
Description  Push Button On/Off Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2950CDDB-2-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2950CDDB-2-TRPBF Datasheet HTML 6Page - Linear Technology LTC2950CDDB-2-TRPBF Datasheet HTML 7Page - Linear Technology LTC2950CDDB-2-TRPBF Datasheet HTML 8Page - Linear Technology LTC2950CDDB-2-TRPBF Datasheet HTML 9Page - Linear Technology LTC2950CDDB-2-TRPBF Datasheet HTML 10Page - Linear Technology LTC2950CDDB-2-TRPBF Datasheet HTML 11Page - Linear Technology LTC2950CDDB-2-TRPBF Datasheet HTML 12Page - Linear Technology LTC2950CDDB-2-TRPBF Datasheet HTML 13Page - Linear Technology LTC2950CDDB-2-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC2950-1/LTC2950-2
10
295012fb
APPLICATIONS INFORMATION
Figure 1. Simplified Power On/Off Sequence for LTC2950-1
Figure 2. Aborted Power On Sequence for LTC2950-1
tABORT
PB
KILL
POWER ON
TIMING
EN
512ms
INTERNAL
TIMER
tDB, ON + tONT
POWER
TURNED OFF
2950 F02
μP FAILED TO SET
KILL HIGH
t1
t2
tDB, ON
tONT
t3
t4
t5
t6
t7
PB
ONT
OFFT
EN
KILL
INT
PB & KILL IGNORED
PB IGNORED
2950 F01
tKILL, ON BLANK
tDB, OFF
tOFFT
<tKILL, OFF DELAY
< tKILL,
OFF DELAY


Similar Part No. - LTC2950CDDB-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2950CDDB-2 LINER-LTC2950CDDB-2 Datasheet
189Kb / 18P
   Pushbutton On/Off Controller
LTC2950CDDB-2 LINER-LTC2950CDDB-2 Datasheet
189Kb / 18P
   Pushbutton On/Off Controller
More results

Similar Description - LTC2950CDDB-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
   Push Button On/Off Controller
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
logo
STMicroelectronics
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
logo
CW Industries
GC-536-0102 CWIND-GC-536-0102 Datasheet
108Kb / 1P
   SWITCH ASSEMBLY PUSH ON-PUSH OFF S.P.D.T. W/SPECIAL BUTTON
logo
Torex Semiconductor
XC6190B TOREX-XC6190B Datasheet
475Kb / 21P
   Push Button Reboot Controller
XC6190 TOREX-XC6190 Datasheet
475Kb / 21P
   Push Button Reboot Controller
logo
Schneider Electric
9001K85 SCHNEIDER-9001K85 Datasheet
155Kb / 2P
   30MM PUSH-ON, PUSH-OFF MODULE
Jan 20, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com