Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GOG94004C Datasheet(PDF) 1 Page - Green Power Solutions srl

Part # GOG94004C
Description  THREE PHASE AC-DC BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GOG94004C Datasheet(HTML) 1 Page - Green Power Solutions srl

  GOG94004C Datasheet HTML 1Page - Green Power Solutions srl GOG94004C Datasheet HTML 2Page - Green Power Solutions srl GOG94004C Datasheet HTML 3Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GOG9xx04C
THREE PHASE AC-DC BRIDGE
Fuse protection
Blown fuse indicators with microswitch
Over temperature switches
Fan loss detection circuit
Snubber for SCR's protections
Compact design
LINE VOLTAGE UP TO 500V
DC OUTPUT CURRENT400A
GOG94004C GOG95004C
Line to line voltage
Characteristic
Conditions
IDC
DC output current
400 A
400 A
VINS (rms)
Insulation voltage
3000 V
3000 V
THYRISTOR TRIGGERING CHARACTERISTICS
VGT
Gate trigger voltage
Tj = 25 °C, VD = 5 V
3V
3V
IGT
Gate trigger current
Tj = 25 °C, VD = 5 V
300 mA
300 mA
dV/dt
Critical rate of rise off-state voltage
Tj= 125 °C
1000 V/us
1000 V/us
VRRM
Blocking Voltage
Tj = 125 °C
1200 V
1600 V
FUSE TYPE SIBA 2062432.450
VNF
Rated voltage
690 V
690 V
INF
Rated current
450 A
450 A
PVF
Power loss
At rated current
75 W
75 W
I²t
Total I
2t
At 660V
110 kA2s
110 kA2s
MECHANICAL AND THERMAL CHARACTERISTICS
Width
400 mm
450 mm
Depth
340 mm
340,5 mm
Height
500 mm
500 mm
Mass
30 Kg
30 Kg
Ta max
Max amb. op. Temp.
40 °C
40 °C
Tstg
Storage temperature
Document GOG9xx04CT002
-40/ +60 °C
400
500
Value
Value
-40/ +60 °C
Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869
Fax:
+39-010-659 1870
Web: www.gpsemi.it
E-mail: info@gpsemi.it


Similar Part No. - GOG94004C

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GOG94005W GPSEMI-GOG94005W Datasheet
231Kb / 2P
   THREE PHASE AC SWITCH
GOG94006C GPSEMI-GOG94006C Datasheet
225Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94006W GPSEMI-GOG94006W Datasheet
418Kb / 2P
   THREE PHASE AC-DC BRIDGE
GOG94008C GPSEMI-GOG94008C Datasheet
231Kb / 3P
   THREE PHASE AC-DC BRIDGE
More results

Similar Description - GOG94004C

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GOG91K14 GPSEMI-GOG91K14_17 Datasheet
149Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94024 GPSEMI-GOG94024_17 Datasheet
166Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94034 GPSEMI-GOG94034_17 Datasheet
239Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG95027 GPSEMI-GOG95027_17 Datasheet
169Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94020 GPSEMI-GOG94020 Datasheet
183Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG91K14 GPSEMI-GOG91K14 Datasheet
378Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG96017 GPSEMI-GOG96017 Datasheet
241Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94027 GPSEMI-GOG94027 Datasheet
252Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG96024 GPSEMI-GOG96024 Datasheet
349Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94015 GPSEMI-GOG94015 Datasheet
249Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG95012 GPSEMI-GOG95012_17 Datasheet
167Kb / 3P
   THREE PHASE AC-DC BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com