Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2934ITS8-2-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2934ITS8-2-TRPBF
Description  Ultra-Low Power Adjustable Supervisor with Power-Fail Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2934ITS8-2-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2934ITS8-2-TRPBF Datasheet HTML 4Page - Linear Technology LTC2934ITS8-2-TRPBF Datasheet HTML 5Page - Linear Technology LTC2934ITS8-2-TRPBF Datasheet HTML 6Page - Linear Technology LTC2934ITS8-2-TRPBF Datasheet HTML 7Page - Linear Technology LTC2934ITS8-2-TRPBF Datasheet HTML 8Page - Linear Technology LTC2934ITS8-2-TRPBF Datasheet HTML 9Page - Linear Technology LTC2934ITS8-2-TRPBF Datasheet HTML 10Page - Linear Technology LTC2934ITS8-2-TRPBF Datasheet HTML 11Page - Linear Technology LTC2934ITS8-2-TRPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC2934
8
2934f
APPLICATIONS INFORMATION
Figure 3. RST vs VCC with 10k Pull-Up
R3 is easily obtained from:
R3 = RSUM – R1 – R2 = 8.1M – 1.87M – 130k = 6.1M
The closest 1% value is 6.04M. Plugging the standard
values back into the equations yields the design values
for the falling power-fail and reset voltages:
VPF = 1.720V, VR = 1.608V
Figure 2 demonstrates how the inputs can be biased
to monitor two voltages (V1, V2). In this example, four
resistors are required. Calculate each divider ratio for the
desired falling threshold (VFT) using:
RnB
RnA
V
V
V
V
FT
TH
FT
=
− =
1
04
1
.
In Figure 2, PFO is tied back to the MR input, making the
state of the RST output dependent upon both V1 and V2. If
V1 and V2 are both above the configured falling threshold
plus hysteresis, RST is allowed to pull high. If independent
operation of the status outputs is desired, simply omit the
PFO to MR connection.
Selecting Output Logic Style
The LTC2934 status outputs are available in two options:
open-drain (LTC2934-1) or active pull-up (LTC2934-2).
The open-drain option (LTC2934-1) allows the outputs
to be pulled up to a user defined voltage with a resistor.
The open-drain pull-up voltage may be greater than VCC
(5.5V maximum), which is not always possible with
inferior battery supervisors, due to internal diode clamps.
When the status outputs are low, power is dissipated in
the pull-up resistors. Recommended resistor values lie in
the range between 10k and 470k. Figure 3 demonstrates
typical LTC2934-1 RST output behavior.
The active pull-up option (LTC2934-2) eliminates the
need for external pull-up resistors on the status outputs.
Integrated pull-up devices pull the outputs up to VCC.
Actively pulled up outputs may not be driven above VCC.
Some applications require the RST and/or PFO outputs to
be valid with VCC down to ground. Active pull-up handles
this requirement with the addition of an external resistor
from the output to ground. The resistor provides a path
for leakage currents, preventing the output from floating to
undetermined voltages when connected to high impedance
(such as CMOS logic inputs). The resistor value should
be small enough to provide effective pull-down without
excessively loading the pull-up circuitry. A 100k resistor
from output to ground is satisfactory for most applications.
When the status outputs are high, power is dissipated in
the pull-down resistors. Figure 4 demonstrates typical
LTC2934-2 RST output behavior.
Figure 4. RST vs VCC
ADJ
PFI
LTC2934
V1
V2
R1B
R2B
R2A
R1A
RST
PFO
MR
Figure 2. Dual Voltage Monitoring
VCC (V)
0
2.0
2.5
3.0
1.5
1.0
12
0.5
1.5
2.5
3
3.5
0.5
0
3.5
2934 F03
EXTERNALLY CONFIGURED
FOR 3V FALLING THRESHOLD
LTC2934-1
VCC (V)
0
2.0
2.5
3.0
1.5
1.0
12
0.5
1.5
2.5
3
3.5
0.5
0
3.5
2934 F04
EXTERNALLY CONFIGURED
FOR 3V FALLING THRESHOLD
LTC2934-2


Similar Part No. - LTC2934ITS8-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2934 LINER-LTC2934 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2934 LINER-LTC2934 Datasheet
182Kb / 12P
   Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2934 LINER-LTC2934_15 Datasheet
182Kb / 12P
   Ultra-Low Power Adjustable Supervisor with Power-Fail Output
More results

Similar Description - LTC2934ITS8-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2934 LINER-LTC2934_15 Datasheet
182Kb / 12P
   Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2935 LINER-LTC2935 Datasheet
166Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2935 LINER-LTC2935_15 Datasheet
144Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
[Old version datasheet]   Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
TLV840 TI-TLV840_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Texas Instruments
TLV840 TI-TLV840_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V04 Datasheet
1Mb / 30P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com