Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2935 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2935
Description  Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2935 Datasheet(HTML) 2 Page - Linear Technology

  LTC2935 Datasheet HTML 1Page - Linear Technology LTC2935 Datasheet HTML 2Page - Linear Technology LTC2935 Datasheet HTML 3Page - Linear Technology LTC2935 Datasheet HTML 4Page - Linear Technology LTC2935 Datasheet HTML 5Page - Linear Technology LTC2935 Datasheet HTML 6Page - Linear Technology LTC2935 Datasheet HTML 7Page - Linear Technology LTC2935 Datasheet HTML 8Page - Linear Technology LTC2935 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC2935
2
2935f
ABSOLUTE MAXIMUM RATINGS
Input Voltages
VCC........................................................... –0.3V to 6V
S2, S1, S0, MR ......................... –0.3V to (VCC + 0.3V)
Output Voltages
PFO, RST (LTC2935-1)............................. –0.3V to 6V
PFO, RST (LTC2935-2)..............–0.3V to (VCC + 0.3V)
RMS Currents
PFO, RST ..........................................................±5mA
(Notes 1, 2)
TOP VIEW
VCC
MR
RST
PFO
S2
S1
S0
GND
DC PACKAGE
8-LEAD (2mm
× 2mm) PLASTIC DFN
9
4
1
2
3
6
5
7
8
TJMAX = 125°C, θJA = 102°C/W
EXPOSED PAD (PIN 9), PCB GND CONNECTION OPTIONAL
VCC
MR
RST
PFO
S2 1
S1 2
S0 3
GND 4
8
7
6
5
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 195°C/W
PIN CONFIGURATION
Operating Ambient Temperature Range
LTC2935C ................................................ 0°C to 70°C
LTC2935I.............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSOT-23 Package.............................................. 300°C
ORDER INFORMATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2935CTS8-1#TRMPBF
LTC2935CTS8-1#TRPBF
LTDPW
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2935ITS8-1#TRMPBF
LTC2935ITS8-1#TRPBF
LTDPW
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2935CTS8-2#TRMPBF
LTC2935CTS8-2#TRPBF
LTDQB
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2935ITS8-2#TRMPBF
LTC2935ITS8-2#TRPBF
LTDQB
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2935CDC-1#TRMPBF
LTC2935CDC-1#TRPBF
LDPX
8-Lead (2mm
× 2mm) Plastic DFN
0°C to 70°C
LTC2935IDC-1#TRMPBF
LTC2935IDC-1#TRPBF
LDPX
8-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC2935CDC-2#TRMPBF
LTC2935CDC-2#TRPBF
LDQC
8-Lead (2mm
× 2mm) Plastic DFN
0°C to 70°C
LTC2935IDC-2#TRMPBF
LTC2935IDC-2#TRPBF
LDQC
8-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC2935

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2935 LINER-LTC2935 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2935 LINER-LTC2935 Datasheet
144Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2935 LINER-LTC2935_15 Datasheet
144Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
More results

Similar Description - LTC2935

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2935 LINER-LTC2935_15 Datasheet
144Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2934 LINER-LTC2934_15 Datasheet
182Kb / 12P
   Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2934 LINER-LTC2934 Datasheet
174Kb / 12P
   Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2915 LINER-LTC2915 Datasheet
143Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
[Old version datasheet]   Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
TPS3839A09 TI1-TPS3839A09 Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com