Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2927CTS8-TR Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2927CTS8-TR
Description  Single Power Supply Tracking Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2927CTS8-TR Datasheet(HTML) 3 Page - Linear Technology

  LTC2927CTS8-TR Datasheet HTML 1Page - Linear Technology LTC2927CTS8-TR Datasheet HTML 2Page - Linear Technology LTC2927CTS8-TR Datasheet HTML 3Page - Linear Technology LTC2927CTS8-TR Datasheet HTML 4Page - Linear Technology LTC2927CTS8-TR Datasheet HTML 5Page - Linear Technology LTC2927CTS8-TR Datasheet HTML 6Page - Linear Technology LTC2927CTS8-TR Datasheet HTML 7Page - Linear Technology LTC2927CTS8-TR Datasheet HTML 8Page - Linear Technology LTC2927CTS8-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2927
3
2927fb
TEMPERATURE (°C)
–50
770
780
790
800
810
820
–25
0
25
50
2927 G03
75
100
VCC (V)
4.45
4.50
4.55
4.60
4.65
4.70
2927 G02
2.5
3.0
3.5
4.0
4.5
6.0
5.5
5.0
ITRACK = IFB = –1mA
IRAMBUF = –2mA
VCC (V)
2.5
500
550
600
650
700
750
3.0
3.5
4.0
4.5
2927 G01
6.0
5.5
5.0
ITRACK = IFB = 0mA
IRAMBUF = 0mA
ICC vs VCC
ICC vs VCC
VTRACK vs Temperature
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. 2.9V < VCC < 5.5V unless otherwise noted (Note 2).
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into the device pins are positive; all currents out of
device pins are negative. All voltages are referenced to ground unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
l
2.9
5.5
V
ICC
Supply Current
IFB = 0mA, ITRACK = 0mA
l
0.25
0.56
1.2
mA
IFB = –1mA, ITRACK = –1mA, IRAMPBUF = –1mA
l
3
3.6
4.2
mA
VCC(UVLO)
Supply Undervoltage Lockout
VCC Rising
l
2.2
2.5
2.7
V
ΔVCC(UVHYST)
Supply Undervoltage Lockout Hysteresis
25
mV
VON(TH)
ON Pin Threshold Voltage
VON Rising
l
1.210
1.230
1.250
V
ΔVON(HYST)
ON Pin Hysteresis
l
30
75
150
mV
ION
ON Pin Input Current
VON = 1.2V, VCC = 5.5V
l
0
±100
nA
IRAMP
RAMP Pin Input Current
0V < VRAMP < VCC, Ramp On
–9
–10
–11
μA
0V < VRAMP < VCC, Ramp Off
9
10
11
μA
VRAMPBUF(OL)
RAMPBUF Output Low Voltage
IRAMPBUF = 1mA
l
20
100
mV
VRAMPBUF(OH)
RAMPBUF Output High Voltage,
VRAMPBUF(OH) = VCC – VRAMPBUF
IRAMPBUF = –1mA
l
45
150
mV
VOS
Ramp Buffer Offset,
VOS = VRAMPBUF – VRAMP
VRAMP = VCC/2, IRAMPBUF = 0mA
–30
0
30
mV
IERROR(%)
IFB to ITRACK Current Mismatch
IERROR(%) = (IFB – ITRACK)/ITRACK
ITRACK = –10μA
l
0±5
%
ITRACK = –1mA
l
0±5
%
VTRACK
TRACK Pin Voltage
ITRACK = –10μA
l
0.77
0.800
0.82
V
ITRACK = –1mA
l
0.77
0.800
0.82
V
IFB(LEAK)
FB Pin Leakage Current
VFB = 2V, VCC = 5.5V
l
±1
±100
nA
VFB(CLAMP)
FB Pin Clamp Voltage
1μA < IFB < 1mA
l
1.5
2
2.3
V
VSDO(OL)
SDO Output Low Voltage
ISDO = 1mA, VCC = 2.3V
l
0.1
0.4
V
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC2927CTS8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2927 LINER-LTC2927 Datasheet
262Kb / 16P
   Single Power Supply Tracking Controller
LTC2927 LINER-LTC2927_15 Datasheet
262Kb / 16P
   Single Power Supply Tracking Controller
More results

Similar Description - LTC2927CTS8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2927 LINER-LTC2927_15 Datasheet
262Kb / 16P
   Single Power Supply Tracking Controller
LTC2923 LINER-LTC2923 Datasheet
278Kb / 20P
   Power Supply Tracking Controller
LTC2923 LINER-LTC2923_15 Datasheet
284Kb / 20P
   Power Supply Tracking Controller
LTC2925 LINER-LTC2925 Datasheet
351Kb / 20P
   Multiple Power Supply Tracking Controller with Power Good Timeout
LTC2925 LINER-LTC2925_15 Datasheet
368Kb / 24P
   Multiple Power Supply Tracking Controller with Power Good Timeout
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Microsemi Corporation
NX2155H MICROSEMI-NX2155H Datasheet
770Kb / 17P
   SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
logo
Linear Technology
LTC2920-2 LINER-LTC2920-2_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com