Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2927CDDB-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2927CDDB-TRPBF
Description  Single Power Supply Tracking Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2927CDDB-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2927CDDB-TRPBF Datasheet HTML 7Page - Linear Technology LTC2927CDDB-TRPBF Datasheet HTML 8Page - Linear Technology LTC2927CDDB-TRPBF Datasheet HTML 9Page - Linear Technology LTC2927CDDB-TRPBF Datasheet HTML 10Page - Linear Technology LTC2927CDDB-TRPBF Datasheet HTML 11Page - Linear Technology LTC2927CDDB-TRPBF Datasheet HTML 12Page - Linear Technology LTC2927CDDB-TRPBF Datasheet HTML 13Page - Linear Technology LTC2927CDDB-TRPBF Datasheet HTML 14Page - Linear Technology LTC2927CDDB-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC2927
11
2927fb
Converting the circuit in the coincident tracking example
to the offset tracking shown in Figure 13 is relatively
simple. Here the 1.8V slave 1 supply ramps up 1V below
the master. The ramp rate remains the same (100V/s), so
there are no changes necessary to steps 1 and 2 of the
3-step design procedure. Only step 3 must be considered.
Be sure to verify that the chosen voltage offset will allow
the slave supply to ramp up completely. In this example,
if the voltage offset were 2V, the slave supply would only
ramp to 3.3V – 2V = 1.3V.
3. Choose RTA to obtain desired delay.
First, convert the desired voltage offset, VOS, to a delay
tD, using the ramp rate:
t
V
S
V
Vs
ms
D
OS
S
==
=
1
100
10
6
/
()
From Equation 4:
R
Vk
ms
V s
k
TA
″ =
=
0 8
16 5
10
100
13 2
..
/
.
Ω
Ω
From Equation 5:
Rk
k
k
TA
=≈
13 1
132
665
..
.
ΩΩ
Ω
Figure 13. Offset Tracking (from Figure 14)
1V/DIV
10ms/DIV
MASTER
SLAVE1
SLAVE2
2927 F13
10ms/DIV
1V/DIV
MASTER
3.3V
RONB
138k
RONA
100k
ON
RAMP
SLAVE1
1.8V
VCC
3.3V
EARLY VIN
3.3V
LTC2927
GND
SDO
RUN/SS
FB
IN
DC/DC
FB = 1.235V
OUT
RAMPBUF
TRACK
0.1μF
RTB1
16.5k
RFB1
16.5k
RFA1
35.7k
RTA1
6.65k
ON
RAMP
SLAVE2
2.5V
2927 F14
VCC
3.3V
EARLY
3.3V
LTC2927
GND
SDO
RUN/SS
FB
IN
DC/DC
FB = 0.8V
OUT
RAMPBUF
TRACK
0.1μF
0.1μF
RTB2
887k
RFB2
887k
RFA2
412k
RTA2
316k
Offset Tracking Example
APPLICATIO S I FOR ATIO
Figure 14. Offset Tracking Example


Similar Part No. - LTC2927CDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2927 LINER-LTC2927 Datasheet
262Kb / 16P
   Single Power Supply Tracking Controller
LTC2927 LINER-LTC2927_15 Datasheet
262Kb / 16P
   Single Power Supply Tracking Controller
More results

Similar Description - LTC2927CDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2927 LINER-LTC2927_15 Datasheet
262Kb / 16P
   Single Power Supply Tracking Controller
LTC2923 LINER-LTC2923 Datasheet
278Kb / 20P
   Power Supply Tracking Controller
LTC2923 LINER-LTC2923_15 Datasheet
284Kb / 20P
   Power Supply Tracking Controller
LTC2925 LINER-LTC2925 Datasheet
351Kb / 20P
   Multiple Power Supply Tracking Controller with Power Good Timeout
LTC2925 LINER-LTC2925_15 Datasheet
368Kb / 24P
   Multiple Power Supply Tracking Controller with Power Good Timeout
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Microsemi Corporation
NX2155H MICROSEMI-NX2155H Datasheet
770Kb / 17P
   SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
logo
Linear Technology
LTC2920-2 LINER-LTC2920-2_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com