Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2636HMS-LMX10 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2636HMS-LMX10
Description  Octal 12-/10-/8-Bit SPI VOUT DACs with10ppm/째C Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2636HMS-LMX10 Datasheet(HTML) 4 Page - Linear Technology

  LTC2636HMS-LMX10 Datasheet HTML 1Page - Linear Technology LTC2636HMS-LMX10 Datasheet HTML 2Page - Linear Technology LTC2636HMS-LMX10 Datasheet HTML 3Page - Linear Technology LTC2636HMS-LMX10 Datasheet HTML 4Page - Linear Technology LTC2636HMS-LMX10 Datasheet HTML 5Page - Linear Technology LTC2636HMS-LMX10 Datasheet HTML 6Page - Linear Technology LTC2636HMS-LMX10 Datasheet HTML 7Page - Linear Technology LTC2636HMS-LMX10 Datasheet HTML 8Page - Linear Technology LTC2636HMS-LMX10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2636
4
2636f
PRODUCT SELECTION GUIDE
PART NUMBER
PART MARKING*
VFS WITH INTERNAL
REFERENCE
POWER-ON
RESET TO CODE
POWER-ON
REFERENCE
MODE
RESOLUTION
VCC
MAXIMUM
INL
DFN
MSOP
LTC2636-LMI12
LTC2636-LMI10
LTC2636-LMI8
LMI12
LMI10
6LMI8
6LMI12
6LMI10
36LMI8
2.5V•(4095/4096)
2.5V•(1023/1024)
2.5V•(255/256)
Mid-Scale
Mid-Scale
Mid-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
2.7V-5.5V
2.7V-5.5V
2.7V-5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2636-LMX12
LTC2636-LMX10
LTC2636-LMX8
LMX12
LMX10
6LMX8
6LMX12
6LMX10
36LMX8
2.5V•(4095/4096)
2.5V•(1023/1024)
2.5V•(255/256)
Mid-Scale
Mid-Scale
Mid-Scale
External
External
External
12-Bit
10-Bit
8-Bit
2.7V-5.5V
2.7V-5.5V
2.7V-5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2636-LZ12
LTC2636-LZ10
LTC2636-LZ8
6LZ12
6LZ10
36LZ8
36LZ12
36LZ10
636LZ8
2.5V•(4095/4096)
2.5V•(1023/1024)
2.5V•(255/256)
Zero-Scale
Zero-Scale
Zero-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
2.7V-5.5V
2.7V-5.5V
2.7V-5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2636-HMI12
LTC2636-HMI10
LTC2636-HMI8
HMI12
HMI10
6HMI8
6HMI12
6HMI10
36HMI8
4.096V•(4095/4096)
4.096V•(1023/1024)
4.096V•(255/256)
Mid-Scale
Mid-Scale
Mid-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
4.5V-5.5V
4.5V-5.5V
4.5V-5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2636-HMX12
LTC2636-HMX10
LTC2636-HMX8
HMX12
HMX10
6HMX8
6HMX12
6HMX10
36HMX8
4.096V•(4095/4096)
4.096V•(1023/1024)
4.096V•(255/256)
Mid-Scale
Mid-Scale
Mid-Scale
External
External
External
12-Bit
10-Bit
8-Bit
4.5V-5.5V
4.5V-5.5V
4.5V-5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2636-HZ12
LTC2636-HZ10
LTC2636-HZ8
6HZ12
6HZ10
36HZ8
36HZ12
36HZ10
636HZ8
4.096V•(4095/4096)
4.096V•(1023/1024)
4.096V•(255/256)
Zero-Scale
Zero-Scale
Zero-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
4.5V-5.5V
4.5V-5.5V
4.5V-5.5V
±2.5LSB
±1LSB
±0.5LSB
*Above options are available in a 14-lead DFN package (LTC2636-DE) or 16-lead MSOP package (LTC2636-MS).


Similar Part No. - LTC2636HMS-LMX10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2636 LINER-LTC2636 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2636 LINER-LTC2636 Datasheet
1Mb / 28P
   Octal 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2636 LINER-LTC2636 Datasheet
594Kb / 28P
   16-Channel 16-/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
logo
Analog Devices
LTC2636 AD-LTC2636 Datasheet
400Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs
logo
Linear Technology
LTC2636 LINER-LTC2636 Datasheet
412Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2636HMS-LMX10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC2636 AD-LTC2636 Datasheet
400Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs
logo
Linear Technology
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2637 LINER-LTC2637_1 Datasheet
431Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2636 LINER-LTC2636_15 Datasheet
412Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
logo
Analog Devices
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
   Octal 12-/10-/8-Bit I2C VOUT DACs Reference
LTC2640 AD-LTC2640 Datasheet
312Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs
logo
Linear Technology
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635_1 Datasheet
526Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2640 LINER-LTC2640_15 Datasheet
400Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com