Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2919CDDB-3.3-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2919CDDB-3.3-TRPBF
Description  Precision Triple/Dual Input UV, OV and NegativeVoltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2919CDDB-3.3-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC2919CDDB-3.3-TRPBF Datasheet HTML 1Page - Linear Technology LTC2919CDDB-3.3-TRPBF Datasheet HTML 2Page - Linear Technology LTC2919CDDB-3.3-TRPBF Datasheet HTML 3Page - Linear Technology LTC2919CDDB-3.3-TRPBF Datasheet HTML 4Page - Linear Technology LTC2919CDDB-3.3-TRPBF Datasheet HTML 5Page - Linear Technology LTC2919CDDB-3.3-TRPBF Datasheet HTML 6Page - Linear Technology LTC2919CDDB-3.3-TRPBF Datasheet HTML 7Page - Linear Technology LTC2919CDDB-3.3-TRPBF Datasheet HTML 8Page - Linear Technology LTC2919CDDB-3.3-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2919
2
2919f
Terminal Voltages
VCC (Note 3)............................................. –0.3V to 6V
OUT1, OUT2, RST................................. –0.3V to 7.5V
ADJ1, ADJ2 .......................................... –0.3V to 7.5V
TMR, SEL.................................. –0.3V to (VCC + 0.3V)
Terminal Currents
ICC (Note 3)......................................................±10mA
IREF ....................................................................±1mA
(Notes 1, 2)
ABSOLUTE
AXI U
RATI GS
Operating Temperature Range
LTC2919C ................................................ 0°C to 70°C
LTC2919I..............................................– 40°C to 85°C
LTC2919H .......................................... –40°C to 125°C
Maximum Junction Temperature........................... 150°C
Storage Temperature Range...................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP-10 .......................................................... 300°C
TOP VIEW
11
DDB PACKAGE
10-LEAD (3mm × 2mm) PLASTIC DFN
SEL
VCC
OUT1
OUT2
RST
ADJ1
ADJ2
TMR
REF
GND
6
8
7
9
10
5
4
2
3
1
TJMAX = 150°C, θJA = 76°C/W
EXPOSED PAD (PIN 11) MAY BE LEFT OPEN OR TIED TO GND
1
2
3
4
5
SEL
VCC
OUT1
OUT2
RST
10
9
8
7
6
ADJ1
ADJ2
TMR
REF
GND
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 120°C/W
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2919CDDB-2.5#PBF
LTC2919CDDB-2.5#TRPBF
LDGT
10-Lead (3mm × 2mm) Plastic DFN
0°C to 70°C
LTC2919IDDB-2.5#PBF
LTC2919IDDB-2.5#TRPBF
LDGT
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
LTC2919HDDB-2.5#PBF
LTC2919HDDB-2.5#TRPBF
LDGT
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LTC2919CDDB-3.3#PBF
LTC2919CDDB-3.3#TRPBF
LDMW
10-Lead (3mm × 2mm) Plastic DFN
0°C to 70°C
LTC2919IDDB-3.3#PBF
LTC2919IDDB-3.3#TRPBF
LDMW
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
LTC2919HDDB-3.3#PBF
LTC2919HDDB-3.3#TRPBF
LDMW
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LTC2919CDDB-5#PBF
LTC2919CDDB-5#TRPBF
LDMX
10-Lead (3mm × 2mm) Plastic DFN
0°C to 70°C
LTC2919IDDB-5#PBF
LTC2919IDDB-5#TRPBF
LDMX
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 85°C
LTC2919HDDB-5#PBF
LTC2919HDDB-5#TRPBF
LDMX
10-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LTC2919CMS-2.5#PBF
LTC2919CMS-2.5#TRPBF
LTDGS
10-Lead Plastic MSOP
0°C to 70°C
LTC2919IMS-2.5#PBF
LTC2919IMS-2.5#TRPBF
LTDGS
10-Lead Plastic MSOP
–40°C to 85°C
LTC2919HMS-2.5#PBF
LTC2919HMS-2.5#TRPBF
LTDGS
10-Lead Plastic MSOP
–40°C to 125°C
LTC2919CMS-3.3#PBF
LTC2919CMS-3.3#TRPBF
LTDMT
10-Lead Plastic MSOP
0°C to 70°C
LTC2919IMS-3.3#PBF
LTC2919IMS-3.3#TRPBF
LTDMT
10-Lead Plastic MSOP
–40°C to 85°C
LTC2919HMS-3.3#PBF
LTC2919HMS-3.3#TRPBF
LTDMT
10-Lead Plastic MSOP
–40°C to 125°C
LTC2919CMS-5#PBF
LTC2919CMS-5#TRPBF
LTDMV
10-Lead Plastic MSOP
0°C to 70°C
LTC2919IMS-5#PBF
LTC2919IMS-5#TRPBF
LTDMV
10-Lead Plastic MSOP
–40°C to 85°C
LTC2919HMS-5#PBF
LTC2919HMS-5#TRPBF
LTDMV
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION
ORDER INFORMATION


Similar Part No. - LTC2919CDDB-3.3-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
More results

Similar Description - LTC2919CDDB-3.3-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
   Dual UV/OV Voltage Monitor
logo
Analog Devices
ADCMP671 AD-ADCMP671 Datasheet
312Kb / 16P
   Low Power, Adjustable UV and OV Monitor
REV. 0
logo
Linear Technology
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912 Datasheet
173Kb / 12P
   Single UV/OV Voltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com