Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2919CDDB-3.3-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2919CDDB-3.3-TRPBF
Description  Precision Triple/Dual Input UV, OV and NegativeVoltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2919CDDB-3.3-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2919CDDB-3.3-TRPBF Datasheet HTML 3Page - Linear Technology LTC2919CDDB-3.3-TRPBF Datasheet HTML 4Page - Linear Technology LTC2919CDDB-3.3-TRPBF Datasheet HTML 5Page - Linear Technology LTC2919CDDB-3.3-TRPBF Datasheet HTML 6Page - Linear Technology LTC2919CDDB-3.3-TRPBF Datasheet HTML 7Page - Linear Technology LTC2919CDDB-3.3-TRPBF Datasheet HTML 8Page - Linear Technology LTC2919CDDB-3.3-TRPBF Datasheet HTML 9Page - Linear Technology LTC2919CDDB-3.3-TRPBF Datasheet HTML 10Page - Linear Technology LTC2919CDDB-3.3-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC2919
7
2919f
BLOCK DIAGRA
+
+
+
ADJUSTABLE
PULSE
GENERATOR
THREE-STATE
DECODE
THREE-STATE
DECODE
TMR
RST
OUT1
OUT2
GND
2919 BD
200ms
PULSE
GENERATOR
+
SEL
CONTROL 1
CONTROL 2
EN
ADJ1
ADJ2
REF
VCC
VCC
6.5V
+
500mV
+
1.000V
VCC
SEL
GND
OPEN
VCC
CONTROL 1
H
L
L
CONTROL 2
H
H
L
CONTROL = H = NEGATIVE POLARITY
CONTROL = L = POSITIVE POLARITY
TI I G DIAGRA S
2919 TD
1V
1V
VCC(UVLO)
VCC(UVLO) + ΔVCC(UVLO)
tPROP
tPROP
VCC
OUT
tUV
tRST
RST
UVLO Timing
1V
VRT
VRT – ΔVRT
VADJ
tPROP
tRST
RST
Negative Polarity Input Timing
1V
tPROP
tPROP
OUT
VADJ
tPROP
1V
VRT
tRST
RST
Positive Polarity Input Timing
VRT + ΔVRT
1V
tPROP
tPROP
OUT
NOTES:
1. ΔVRT AND ΔVCC(UVLO) = 0, except in
Comparator Mode
2. IN COMPARATOR MODE, tRST = tPROP.
PI FU CTIO S (MSOP/DFN Package)
ADJ1 (Pin 10): Adjustable Voltage Input 1. Input to volt-
age monitor comparator 1 (0.5V nominal threshold). The
polarity of the input is selected by the state of the SEL
pin (refer to Table 1). Tie to REF if unused (with SEL =
VCC or Open).
Exposed Pad (Pin 11, DFN Only): The Exposed Pad may
be left unconnected. For better thermal contact, tie to a PCB
trace. This trace must be grounded or unconnected.


Similar Part No. - LTC2919CDDB-3.3-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
More results

Similar Description - LTC2919CDDB-3.3-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
   Dual UV/OV Voltage Monitor
logo
Analog Devices
ADCMP671 AD-ADCMP671 Datasheet
312Kb / 16P
   Low Power, Adjustable UV and OV Monitor
REV. 0
logo
Linear Technology
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912 Datasheet
173Kb / 12P
   Single UV/OV Voltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com