Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2916CDDB-1-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2916CDDB-1-TRPBF
Description  Voltage Supervisor with 27 Selectable Thresholds
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2916CDDB-1-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC2916CDDB-1-TRPBF Datasheet HTML 1Page - Linear Technology LTC2916CDDB-1-TRPBF Datasheet HTML 2Page - Linear Technology LTC2916CDDB-1-TRPBF Datasheet HTML 3Page - Linear Technology LTC2916CDDB-1-TRPBF Datasheet HTML 4Page - Linear Technology LTC2916CDDB-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC2916CDDB-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC2916CDDB-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC2916CDDB-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC2916CDDB-1-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC2915/LTC2916
5
29156fa
TYPICAL PERFORMANCE CHARACTERISTICS
Internal Reset Timeout Period vs
Temperature
Shunt Regulation Voltage vs
Temperature
Shunt Regulation Voltage vs
Supply Current
Threshold Voltage vs
Temperature
Quiescent Supply Current vs
Temperature
Allowable Glitch Duration vs
Magnitude
TA = 25°C unless otherwise noted.
RST Output Voltage vs VCC
RST Pull-Down Current vs VCC
RST VOL vs IRST
TEMPERATURE (°C)
–50
0.5
1.0
1.5
25
75
29156 G01
0
–0.5
–25
0
50
100
125
–1.0
–1.5
VMT120
VMTADJ
VMT25
TEMPERATURE (°C)
–50
20
25
30
35
40
–25
0
25
50
29156 G02
75
100
125
SEL1 = 0V
SEL2 = 2.5V
TOL = OPEN
VCC = 5.5V
VCC = 2.5V
VCC = 1.5V
GLITCH PERCENTAGE PAST THRESHOLD (%)
0.1
0
200
250
300
1
10
100
29156 G03
150
100
50
RESET OCCURS
ABOVE CURVE
TEMPERATURE (°C)
–50
–25
150
190
250
0
50
75
29156 G04
170
230
210
25
100
125
RT = VCC
SUPPLY CURRENT, ICC (mA)
0.01
6.4
6.6
100
29156 G06
6.2
6.0
0.1
1
10
7.0
6.8
TEMPERATURE (°C)
–50
6.1
6.2
6.3
6.4
–25
0
25
50
29156 G05
75
100
125
ICC = 5mA
ICC = 1mA
ICC = 100μA
SUPPLY VOLTAGE, VCC (V)
0
0
1
2
3
4
5
6
1234
29156 G07
5
100k PULL-UP TO VCC
SEL1 = SEL2 = TOL = 0V
VM = 0.5V
SUPPLY VOLTAGE, VCC (V)
0
0
1
2
3
4
5
6
123
4
29156 G08
5
RST AT 150mV
RST AT 50mV
IRST (mA)
0
0.6
0.8
1.0
8
29156 G09
0.4
0.2
0
2
4
6
10
TA = 125°C
TA = 25°C
TA = –40°C
NO PULL-UP R
VCC = 2.5V


Similar Part No. - LTC2916CDDB-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2916 LINER-LTC2916 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2916 LINER-LTC2916 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2916 LINER-LTC2916 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
More results

Similar Description - LTC2916CDDB-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2935 LINER-LTC2935_15 Datasheet
144Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2935 LINER-LTC2935 Datasheet
166Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2904 LINER-LTC2904 Datasheet
155Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2904 LINER-LTC2904_15 Datasheet
161Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2904 LINER-LTC2904_09 Datasheet
157Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com