Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2916CDDB-1-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2916CDDB-1-TRPBF
Description  Voltage Supervisor with 27 Selectable Thresholds
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2916CDDB-1-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2916CDDB-1-TRPBF Datasheet HTML 4Page - Linear Technology LTC2916CDDB-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC2916CDDB-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC2916CDDB-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC2916CDDB-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC2916CDDB-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC2916CDDB-1-TRPBF Datasheet HTML 10Page - Linear Technology LTC2916CDDB-1-TRPBF Datasheet HTML 11Page - Linear Technology LTC2916CDDB-1-TRPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC2915/LTC2916
9
29156fa
Typically, the user will pick a value of R1 based on accept-
able current draw. Current used by the resistor divider will
be approximately
R
V
I
1
05
= ⎛
⎝⎜
⎠⎟
.
Recommended range of R1 is 1k to 1M. Higher values
of resistance exacerbate the degradation of threshold
accuracy due to leakage currents.
If the nominal value of the supply being monitored is
VNOM, then
R2 = R1(2VNOM – 1)
Resistor tolerances must be taken into account when
determining the overall accuracy.
Selecting the Reset Timing Capacitor
The reset timeout period can be set to one of two fixed
internal timers or set with a capacitor in order to accom-
modate a variety of applications. Connecting a capacitor,
CRT, between the RT pin and ground sets the reset timeout
period, tRST. The following formula approximates the value
of capacitor needed for a particular timeout:
CRT = tRST • 110 [pF/ms]
For example, using a standard capacitor value of 2.2nF
would give 20ms delay.
Figure 2 shows the reset timeout period as a function of
the value of the timer capacitor.
Leaving RT open with no external capacitor generates a
reset timeout of approximately 400μs. Shorting RT to VCC
generates a reset timeout of approximately 200ms.
RST Output Characteristics
The DC characteristics of the RST pull-down strength
are shown in the Typical Performance Characteristics
section. RST is an open-drain pin and thus requires an
external pull-up resistor to the logic supply. RST may be
pulled above VCC, providing the voltage limits of the pin
are observed.
The open-drain of the RST pin allows for wired-OR con-
nection of several LTC2915/LTC2916s.
As noted in the discussion of power up and power down,
the circuits that drive RST are powered by VCC. During a
fault condition, VCC of at least 1V ensures that RST pulls
low.
Manual Reset (LTC2916 Only)
The LTC2916 includes the MR pin for applications where
a manual reset is desired. MR is internally pulled up, al-
lowing it to interface with a push button with no external
components required. Asserting MR low when RST is high,
initiates a reset, resulting in RST being asserted low for
the set reset timeout.
Shunt Regulator
The LTC2915 and LTC2916 contain an internal 6.2V shunt
regulator on the VCC pin to allow operation from a high
voltage supply. To operate the part from a supply higher
than 5.7V, the VCC pin must have a series resistor, RCC, to
the supply. This resistor should be sized according to the
following equation:
VV
mA
R
VV
A
SMAX
CC
SMIN
()
(
)
.
≤≤
57
5
7
250
μ
where VS(MIN) and VS(MAX) are the operating minimum
and maximum of the supply.
As an example, consider operation from an automobile
battery which might dip as low as 10V or spike to 60V. We
must then pick a resistance between 10.86k and 12k.
APPLICATIONS INFORMATION
Figure 2. Reset Timeout Period vs RT Capacitance
RT PIN CAPACITANCE, CRT (nF)
0.001
0.1
10
10000
0.1
0.01
1
10
100
1000
29156 F02
1
100
1000


Similar Part No. - LTC2916CDDB-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2916 LINER-LTC2916 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2916 LINER-LTC2916 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2916 LINER-LTC2916 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
More results

Similar Description - LTC2916CDDB-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2935 LINER-LTC2935_15 Datasheet
144Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2935 LINER-LTC2935 Datasheet
166Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2904 LINER-LTC2904 Datasheet
155Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2904 LINER-LTC2904_15 Datasheet
161Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2904 LINER-LTC2904_09 Datasheet
157Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com