Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2931CF-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2931CF-PBF
Description  Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2931CF-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2931CF-PBF Datasheet HTML 4Page - Linear Technology LTC2931CF-PBF Datasheet HTML 5Page - Linear Technology LTC2931CF-PBF Datasheet HTML 6Page - Linear Technology LTC2931CF-PBF Datasheet HTML 7Page - Linear Technology LTC2931CF-PBF Datasheet HTML 8Page - Linear Technology LTC2931CF-PBF Datasheet HTML 9Page - Linear Technology LTC2931CF-PBF Datasheet HTML 10Page - Linear Technology LTC2931CF-PBF Datasheet HTML 11Page - Linear Technology LTC2931CF-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC2931
8
2931fb
PIN FUNCTIONS
V2
6μA
20
COMP6
1
COMP5
V2
6μA
17
COMP4
V2
6μA
3
COMP3
V2
6μA
18
COMP2
V2
6μA
4
COMP1
A/D
BUFFER
1.210V
13
VPG
6
V1
16
V2
5
V3
15
V4
2
V5
19
V6
14
VREF
4
0.5V
4
2931 BD
BANDGAP
REFERENCE
ADJUSTABLE
RESET PULSE
GENERATOR
TRANSITION
DETECT
WATCHDOG
TIMER
POWER
DETECT
V1
V2
VCC
11
10
CWT
WDI
CWT
CRT
VCC
VCC
22μA
2μA
10μA
RESISTIVE
DIVIDER
MATRIX
4
4
4
+
VCC
2μA
22μA
7
CRT
V2
6μA
9
WDO
12
GND
V2
6μA
V2
6μA
8
RST
CMP1-4
CMP5
CMP6
BLOCK DIAGRAM
COMP2 (Pin 18): Comparator Output 2. Real-time logic
output with weak 6μA pull-up to V2. Pulls high when V2
is above its reset threshold. May be pulled greater than
V2 using external pull-up. Leave open if unused.
V6 (Pin 19): Adjustable Voltage Input 6. High impedance
comparator input with 0.5V typical threshold. See
Applications Information for details. Tie to V1 if unused.
COMP6 (Pin 20): Comparator Output 6. Real-time logic
output with weak 6μA pull-up to V2. Pulls high when V6
is above its reset threshold. May be pulled greater than
V2 using external pull-up. Leave open if unused.


Similar Part No. - LTC2931CF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2931 LINER-LTC2931 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2931 LINER-LTC2931_15 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
More results

Similar Description - LTC2931CF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2931 LINER-LTC2931_15 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2932 LINER-LTC2932_15 Datasheet
245Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2932 LINER-LTC2932 Datasheet
249Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2938 LINER-LTC2938 Datasheet
261Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2938 LINER-LTC2938_15 Datasheet
259Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2939 LINER-LTC2939_15 Datasheet
259Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com