Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2931 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2931
Description  Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2931 Datasheet(HTML) 3 Page - Linear Technology

  LTC2931 Datasheet HTML 1Page - Linear Technology LTC2931 Datasheet HTML 2Page - Linear Technology LTC2931 Datasheet HTML 3Page - Linear Technology LTC2931 Datasheet HTML 4Page - Linear Technology LTC2931 Datasheet HTML 5Page - Linear Technology LTC2931 Datasheet HTML 6Page - Linear Technology LTC2931 Datasheet HTML 7Page - Linear Technology LTC2931 Datasheet HTML 8Page - Linear Technology LTC2931 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2931
3
2931fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF
Reference Voltage
VCC ≥ 2.3V, IVREF = ±1mA,
CREF ≤ 1000pF
1.192
1.210
1.228
V
VPG
Mode Selection Voltage Range
VCC ≥ VCCMINP
0VREF
V
IVPG
VPG Input Current
VPG = VREF
±20
nA
IV1
V1 Input Current
V1 = 5V, IVREF = 12μA (Note 4)
52
75
μA
IV2
V2 Input Current
V2 = 3.3V
0.8
2
μA
IV3
V3 Input Current
V3 = 2.5V
V3 = 0.55V (ADJ Mode)
–15
0.52
1.2
15
μA
nA
IV4
V4 Input Current
V4 = 1.8V
V4 = 0.55V (ADJ Mode)
V4 = –0.02V (–ADJ Mode)
–15
–15
0.34
0.8
15
15
μA
nA
nA
IV5, IV6
V5, V6 Input Current
V5, V6 = 0.55V
–15
15
nA
ICRT(UP)
CRT Pull-Up Current
VCRT = GND
–1.4
–2
–2.6
μA
ICRT(DN)
CRT Pull-Down Current
VCRT = 1.3V
10
20
30
μA
tRST
Reset Timeout Period
CRT = 1500pF
234
ms
tUV
Vn Undervoltage Detect to RST or
COMPn
Vn Less Than Reset Threshold by More
than 1%
150
μs
VOL
Voltage Output Low RST, COMPn
ISINK = 3mA, VCC = 3V
ISINK = 100μA, VCC = 1V
0.15
0.05
0.4
0.3
V
V
ICOMPn
COMPn Pull-Up Current
VCOMPn = GND
–2
–6
–12
μA
VOL
Voltage Output Low WDO
ISINK = 3mA
0.15
0.4
V
VOH
Voltage Output High RST, WDO, COMPn
(Note 5)
ISOURCE = –1μA
V2-1
V
ICWT(UP)
CWT Pull-Up Current
VCWT = GND
–1.4
–2
–2.6
μA
ICWT(DN)
CWT Pull-Down Current
VCWT = 1.3V
10
20
30
μA
tWD
Watchdog Timeout Period
CWT = 1500pF
20
30
40
ms
VIH
WDI Input Threshold High
VCC = 3.3V to 5.5V
1.6
V
VIL
WDI Input Threshold Low
VCC = 3.3V to 5.5V
0.4
V
tWP
WDI Input Pulse Width
VCC = 3.3V
150
ns
IWDI
WDI Pull-Up Current
VWDI = 1V
–4
–10
–16
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device reliability
and lifetime.
Note 2: All currents into pins are positive, all voltages are referenced to GND
unless otherwise noted.
Note 3: The greater of V1, V2 is the internal supply voltage (VCC).
Note 4: Under static no-fault conditions, V1 will necessarily supply quiescent
current. If at any time V2 is larger than V1, V2 must be capable of supplying
the quiescent current, programming (transient) current and reference load
current.
Note 5: The output pins RST, WDO, and COMPn have diode protected internal
pull-ups to V2 of typically 6μA. However, external pull-up resistors may be used
when faster rise times are required or for VOH voltages greater than V2.
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise specified. (Note 3)


Similar Part No. - LTC2931

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2931 LINER-LTC2931 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2931 LINER-LTC2931_15 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
More results

Similar Description - LTC2931

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2931 LINER-LTC2931_15 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2932 LINER-LTC2932_15 Datasheet
245Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2932 LINER-LTC2932 Datasheet
249Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2938 LINER-LTC2938 Datasheet
261Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2938 LINER-LTC2938_15 Datasheet
259Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2939 LINER-LTC2939_15 Datasheet
259Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com