Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2923IMS Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2923IMS
Description  Power Supply Tracking Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2923IMS Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2923IMS Datasheet HTML 6Page - Linear Technology LTC2923IMS Datasheet HTML 7Page - Linear Technology LTC2923IMS Datasheet HTML 8Page - Linear Technology LTC2923IMS Datasheet HTML 9Page - Linear Technology LTC2923IMS Datasheet HTML 10Page - Linear Technology LTC2923IMS Datasheet HTML 11Page - Linear Technology LTC2923IMS Datasheet HTML 12Page - Linear Technology LTC2923IMS Datasheet HTML 13Page - Linear Technology LTC2923IMS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC2923
10
2923fa
APPLICATIO S I FOR ATIO
Shutdown Output
In some applications it might be necessary to control the
shutdown or RUN/SS pins of the slave supplies using the
12-lead LTC2923CDE or LTC2923IDE. The LTC2923 may
not be able to supply the rated 1mA of current from the FB1
and FB2 pins when VCC is below 2.9V. If the slave power
supplies are capable of operating at low input voltages,
use the open-drain SDO output to drive the SHDN or
RUN/SS pins of the slave supplies (see Figure 7). This will
hold the slave supplies’ outputs low until the ON pin is
above 1.23V, VCC is above the 2.6V undervoltage lockout
condition and there are no short-circuit faults latched. It
pulls low again when the ON pin is pulled below 1.23V and
the RAMP pin is below about 100mV. When two supplies
must have their RUN/SS or SHDN pins controlled indepen-
dently, tie a Schottky diode between each pin and the SDO
output (see Figure 8).
Status Output
The STATUS pin provides an indication that the supplies
are finished ramping up. This pin is an open-drain output
that pulls low until the GATE has been fully charged. Since
the GATE pin drives the gate of the external FET, or the
RAMP pin directly when no FET is used, the supplies are
completely ramped up when the GATE pin is fully charged.
It will go low again when the GATE pin is pulled low, either
because of a short-circuit fault or because the ON pin has
been pulled low.
Q1
CGATE
10nF
0.1µF
10Ω
RSTATUS
10k
VCC
VIN
VIN
VIN
RONB
138k
VIN
3.3V
RTB1
16.5k
RTB2
887k
RFA1
35.7k
1.8V
3.3V
RFB1
16.5k
RTA2
412k
RTA1
13k
RONA
100k
RAMPBUF
TRACK1
TRACK2
FB1
GATE
LTC2923
GND
2923 F07
RAMP
RFA2
412k
2.5V
RFB2
887k
DC/DC
IN
FB = 1.235V
OUT
DC/DC
IN
FB = 0.8V
RUN/SS
RUN/SS
OUT
FB2
SDO
STATUS
ON
Q1
CGATE
10nF
RSTATUS
10k
VCC
VIN
VIN
VIN
RONB
138k
VIN
3.3V
RTB1
16.5k
RTB2
887k
RFA1
35.7k
1.8V
3.3V
RFB1
16.5k
RTA2
412k
RTA1
13k
RONA
100k
RAMPBUF
TRACK1
TRACK2
FB1
GATE
LTC2923
GND
2923 F08
RAMP
RFA2
412k
2.5V
RFB2
887k
DC/DC
IN
FB = 1.235V
OUT
DC/DC
IN
FB = 0.8V
RUN/SS
RUN/SS
OUT
FB2
SDO
STATUS
ON
0.1µF
10Ω
Figure 7
Figure 8


Similar Part No. - LTC2923IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2923 LINER-LTC2923 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTC2923 LINER-LTC2923 Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTC2923 LINER-LTC2923 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTC2923 LINER-LTC2923 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2923 LINER-LTC2923_15 Datasheet
284Kb / 20P
   Power Supply Tracking Controller
More results

Similar Description - LTC2923IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2923 LINER-LTC2923_15 Datasheet
284Kb / 20P
   Power Supply Tracking Controller
LTC2927 LINER-LTC2927 Datasheet
255Kb / 16P
   Single Power Supply Tracking Controller
LTC2927 LINER-LTC2927_15 Datasheet
262Kb / 16P
   Single Power Supply Tracking Controller
LTC2925 LINER-LTC2925 Datasheet
351Kb / 20P
   Multiple Power Supply Tracking Controller with Power Good Timeout
LTC2925 LINER-LTC2925_15 Datasheet
368Kb / 24P
   Multiple Power Supply Tracking Controller with Power Good Timeout
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Extech Instruments Corp...
382285 EXTECH-382285 Datasheet
175Kb / 1P
   Dual Tracking, Triple Output DC Power Supply
logo
Orister Corporation
RS2201 ORISTER-RS2201 Datasheet
529Kb / 12P
   Switching Power Supply Controller
logo
Intersil Corporation
ISL6118 INTERSIL-ISL6118 Datasheet
454Kb / 10P
   Dual Power Supply Controller
logo
Renesas Technology Corp
ISL6118 RENESAS-ISL6118 Datasheet
638Kb / 10P
   Dual Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com