Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2923 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2923
Description  Power Supply Tracking Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2923 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2923 Datasheet HTML 2Page - Linear Technology LTC2923 Datasheet HTML 3Page - Linear Technology LTC2923 Datasheet HTML 4Page - Linear Technology LTC2923 Datasheet HTML 5Page - Linear Technology LTC2923 Datasheet HTML 6Page - Linear Technology LTC2923 Datasheet HTML 7Page - Linear Technology LTC2923 Datasheet HTML 8Page - Linear Technology LTC2923 Datasheet HTML 9Page - Linear Technology LTC2923 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2923
6
2923fa
FU CTIO AL BLOCK DIAGRA
RAMPBUF
FB2
TRACK2
PIN NUMBERS IN PARENTHESES CORRESPOND
TO THE 10-LEAD MSOP PACKAGE
GND
0.8V
VCC
2923 FBD
+
FB1
RAMP
GATE
(9)
TRACK1
0.8V
VCC
+
ON
VCC
VCC
0.1V
VCC
2.6V
VCC
VCC – RAMP > 200mV
VCC < 2.6V
RAMP < 100mV
RAMP > VCC
SHORT-CIRCUIT
FAULT LATCH
GATE
GATE > RAMP + 4.9V
+
+
+
10µA
ONSIG
10µA
CHARGE
PUMP
RQ
Q
0.4V
1.2V
S
4.9V
0.2V
6
4
3
5
9
10
2
STATUS
SDO
1
8
7
ONSIG
11
(10)
12


Similar Part No. - LTC2923

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2923 LINER-LTC2923 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTC2923 LINER-LTC2923 Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTC2923 LINER-LTC2923 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTC2923 LINER-LTC2923 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2923 LINER-LTC2923_15 Datasheet
284Kb / 20P
   Power Supply Tracking Controller
More results

Similar Description - LTC2923

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2923 LINER-LTC2923_15 Datasheet
284Kb / 20P
   Power Supply Tracking Controller
LTC2927 LINER-LTC2927 Datasheet
255Kb / 16P
   Single Power Supply Tracking Controller
LTC2927 LINER-LTC2927_15 Datasheet
262Kb / 16P
   Single Power Supply Tracking Controller
LTC2925 LINER-LTC2925 Datasheet
351Kb / 20P
   Multiple Power Supply Tracking Controller with Power Good Timeout
LTC2925 LINER-LTC2925_15 Datasheet
368Kb / 24P
   Multiple Power Supply Tracking Controller with Power Good Timeout
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Extech Instruments Corp...
382285 EXTECH-382285 Datasheet
175Kb / 1P
   Dual Tracking, Triple Output DC Power Supply
logo
Orister Corporation
RS2201 ORISTER-RS2201 Datasheet
529Kb / 12P
   Switching Power Supply Controller
logo
Intersil Corporation
ISL6118 INTERSIL-ISL6118 Datasheet
454Kb / 10P
   Dual Power Supply Controller
logo
Renesas Technology Corp
ISL6118 RENESAS-ISL6118 Datasheet
638Kb / 10P
   Dual Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com