Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2908ITS8-C1-TRMPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2908ITS8-C1-TRMPBF
Description  Precision Six Input Supply Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2908ITS8-C1-TRMPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2908ITS8-C1-TRMPBF Datasheet HTML 7Page - Linear Technology LTC2908ITS8-C1-TRMPBF Datasheet HTML 8Page - Linear Technology LTC2908ITS8-C1-TRMPBF Datasheet HTML 9Page - Linear Technology LTC2908ITS8-C1-TRMPBF Datasheet HTML 10Page - Linear Technology LTC2908ITS8-C1-TRMPBF Datasheet HTML 11Page - Linear Technology LTC2908ITS8-C1-TRMPBF Datasheet HTML 12Page - Linear Technology LTC2908ITS8-C1-TRMPBF Datasheet HTML 13Page - Linear Technology LTC2908ITS8-C1-TRMPBF Datasheet HTML 14Page - Linear Technology LTC2908ITS8-C1-TRMPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC2908
11
2908fc
APPLICATIONS INFORMATION
Adjustable Input
The noninverting input on the VADJ comparator is set to
0.5V. And the high impedance inverting input directly ties
to the VADJ pin.
In a typical application, this pin connects to a tap point
on an external resistive divider between the positive
voltage being monitored and ground (see Figure 3). The
following formula derives the value of the R1 resistor in
the divider from a particular value of R2 and the desired
trip voltage:
R1=
VTRIP
0.5V
–1 R2
R2 = 100k is recommended. Table 1 shows suggested
1% resistor values for various adjustable applications and
their corresponding trip thresholds.
Table 1. Suggested 1% Resistor Values for the VADJ Inputs
VSUPPLY (V)
VTRIP (V)
R1 (kΩ)
R2 (kΩ)
12
11.25
2150
100
10
9.4
1780
100
8
7.5
1400
100
7.5
7
1300
100
6
5.6
1020
100
5
4.725
845
100
3.3
3.055
511
100
3
2.82
464
100
2.5
2.325
365
100
1.8
1.685
237
100
1.5
1.410
182
100
1.2
1.120
124
100
1.0
0.933
86.6
100
0.9
0.840
68.1
100
0.8
0.750
49.9
100
0.7
0.655
30.9
100
0.6
0.561
12.1
100
REGION OF POTENTIAL MALFUNCTION
WITH 2.5% MONITOR
MINIMUM
RELIABLE
SYSTEM
VOLTAGE
SUPPLY
TOLERANCE
IDEAL
SUPERVISOR
THRESHOLD
5.000V
±1.5%
THRESHOLD
BAND
±2.5%
THRESHOLD
BAND
NOMINAL
SUPPLY
VOLTAGE
4.750V
4.675V
4.600V
4.500V
–5.0%
–6.5%
–8.0%
–10%
2908 F04
Figure 4. Threshold Band Diagram
Figure 3. Setting the Adjustable Trip Point
+
+
R1
1%
R2
1%
0.5V
LTC2908-A1/LTC2908-B1/LTC2908-C1
VADJ
2908 F03
VTRIP
In an application with less than six supply voltages, the
unused supervisor inputs should be tied to the closest
higher supply voltage available.
Threshold Accuracy
Specifying system voltage margin for worst-case operation
requires the consideration of three factors: power supply
tolerance, IC supply voltage tolerance and supervisor reset
threshold accuracy. Highly accurate supervisors ease the
design challenge by decreasing the overall voltage margin
required for reliable system operation. Consider a 5V
system with a ±5% power supply tolerance band.
System ICs powered by this supply must operate reliably
within this band (and a little more, as explained below).
The bottom of the supply tolerance band, at 4.75V (5%
below 5V), is the exact voltage at which a perfectly ac-
curate supervisor generates a reset (see Figure 4). Such
a perfectly accurate supervisor does not exist—the
actual reset threshold may vary over a specified band
(±1.5% for the LTC2908 supervisors). Figure 5 shows
the typical relative threshold accuracy for all six inputs
over temperature.
Figure 5. Typical Threshold Accuracy vs Temperature
TEMPERATURE (°C)
–50
–1.5
–1.0
–0.5
0
0.5
1.5
–25
025
50
2908 F05
75
100
1.0


Similar Part No. - LTC2908ITS8-C1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC2908ITS8-A1 LINEAR-LTC2908ITS8-A1 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
LTC2908ITS8-B1 LINEAR-LTC2908ITS8-B1 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
More results

Similar Description - LTC2908ITS8-C1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
   Precision Six Input Supply Monitor
logo
Linear Integrated Syste...
LTC2908 LINEAR-LTC2908 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Summit Microelectronics...
SMS64 SUMMIT-SMS64 Datasheet
658Kb / 24P
   Six-Channel Supply Monitor and Sequencing Controller
logo
Texas Instruments
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1904 TI1-UC1904_08 Datasheet
335Kb / 7P
[Old version datasheet]   Precision Quad Supply and Line Monitor
logo
Zetex Semiconductors
ZXCT1050 ZETEX-ZXCT1050 Datasheet
590Kb / 10P
   Precision wide input range current monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com