Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2915IDDB-1-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2915IDDB-1-PBF
Description  Voltage Supervisor with 27 Selectable Thresholds
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2915IDDB-1-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2915IDDB-1-PBF Datasheet HTML 3Page - Linear Technology LTC2915IDDB-1-PBF Datasheet HTML 4Page - Linear Technology LTC2915IDDB-1-PBF Datasheet HTML 5Page - Linear Technology LTC2915IDDB-1-PBF Datasheet HTML 6Page - Linear Technology LTC2915IDDB-1-PBF Datasheet HTML 7Page - Linear Technology LTC2915IDDB-1-PBF Datasheet HTML 8Page - Linear Technology LTC2915IDDB-1-PBF Datasheet HTML 9Page - Linear Technology LTC2915IDDB-1-PBF Datasheet HTML 10Page - Linear Technology LTC2915IDDB-1-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC2915/LTC2916
7
29156fa
APPLICATIONS INFORMATION
Supply Monitoring
The LTC2915/LTC2916 are low voltage single supply
monitors with selectable thresholds. Two three-state inputs
select one of nine internally programmed thresholds. For
the LTC2915, a third three-state input selects the tolerance
at which the supply connected to the VM pin is monitored
(–5%, –10%, –15%). The tolerance for the LTC2916 is
fixed at –5%. Threshold accuracy is guaranteed at ±1.5%
over the entire operating temperature range.
The LTC2915/LTC2916 asserts the RST output low when
VM is below the programmed threshold, and for a reset
timeout (tRST)afterVMgoesabovethethreshold.Thereset
timeout can be configured to use an internal timer with no
external components, or an adjusted timer programmed
by placing an external capacitor from RT to ground.
Power-Up
VCC powers the drive circuits for the RST pin. Therefore,
as soon as VCC reaches 0.8V during power up, the RST
output asserts low.
Until VCC reaches the undervoltage lockout threshold
(guaranteed less than 1.5V), RST is held low regardless
of the state of VM.
Once VCC is above the under voltage lockout threshold
and VM is above the programmed threshold, the reset
timer is started. After the reset timeout (tRST), the open
drain pull-down releases RST and the external pull-up
resistor pulls high.
Power-Down
On power-down, once VM drops below its threshold or
VCC drops below the undervoltage lockout, RST asserts
logic low.
Monitor Threshold Control
The monitor threshold on the VM pin is controlled by
the SEL1, SEL2 and TOL three-state pins. The SEL1 and
SEL2 pins select one of nine preset nominal voltages
(including one externally adjustable threshold) as shown
in Table 1.
The SEL1 and SEL2 three-state input pins should be con-
nected to GND, VCC or left unconnected during normal
operation. Note that when left unconnected, the maximum
leakage allowable from the pin to either GND or VCC is
±5μA.
The tolerance at which the monitored supply is measured
is set by the TOL pin (LTC2915 only), as shown in Table 2.
If desired (e.g. for margining purposes), the TOL pin may
be driven by a three-state buffer. That three-state buffer
must have a VOL and VOH which meet the VIL and VIH of
the TOL pin specified in the Electrical Characteristics, and
maintain less than 5μA of leakage in the open state.
Threshold Accuracy
The trip threshold for VM is selected by configuring the
three-state input pins. When using the adjustable input, an
external resistive divider sets the trip threshold, allowing
the user complete control over the trip point. Selection of
this trip voltage is crucial to the reliability of the system.
Table 1. Voltage Threshold Settings
NOMINAL VOLTAGE
SEL1
SEL2
12V
VCC
VCC
5V
VCC
Open
3.3V
VCC
GND
2.5V
Open
VCC
1.8V
Open
Open
1.5V*
Open
GND
1.2V*
GND
VCC
1V*
GND
Open
ADJ* (0.5V)
GND
GND
*Require a separate supply for VCC
Table 2. System Voltage Tolerance Settings
TOLERANCE
TOL
–5%
VCC
–10%
Open
–15%
GND


Similar Part No. - LTC2915IDDB-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2915 LINER-LTC2915 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2915 LINER-LTC2915 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2915 LINER-LTC2915 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
More results

Similar Description - LTC2915IDDB-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2935 LINER-LTC2935_15 Datasheet
144Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2935 LINER-LTC2935 Datasheet
166Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2904 LINER-LTC2904 Datasheet
155Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2904 LINER-LTC2904_15 Datasheet
161Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2904 LINER-LTC2904_09 Datasheet
157Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com