Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6321RM28Q7 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWT6321RM28Q7
Description  HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6321RM28Q7 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWT6321RM28Q7 Datasheet HTML 1Page - ANADIGICS, Inc AWT6321RM28Q7 Datasheet HTML 2Page - ANADIGICS, Inc AWT6321RM28Q7 Datasheet HTML 3Page - ANADIGICS, Inc AWT6321RM28Q7 Datasheet HTML 4Page - ANADIGICS, Inc AWT6321RM28Q7 Datasheet HTML 5Page - ANADIGICS, Inc AWT6321RM28Q7 Datasheet HTML 6Page - ANADIGICS, Inc AWT6321RM28Q7 Datasheet HTML 7Page - ANADIGICS, Inc AWT6321RM28Q7 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
10/2008
AWT6321
HELP2TM Dual-band Cellular/PCS CDMA
3.4 V Linear Power Amplifier Module
Data Sheet - Rev 2.2
M28 Package
14 Pin 3 mm x 5 mm x 1 mm
Surface Mount Module
FEATURES
• InGaP HBT Technology
• High Efficiency:
19 % @ +16 dBm
39 % @ +28 dBm
• Low Quiescent Current: 15 mA
• Internal Voltage Regulation
• Common VMODE Control Line
• Simplified VCC Bus PCB routing
• Reduced External Component Count
• Low Profile Surface Mount Package: 1 mm
• RoHS Compliant Package, 250 oC MSL-3
• Suitable for BC10 (806-824 MHz) band
applications
APPLICATIONS
• CDMA/EVDO & Cell & PCS Dual-band Wireless
Handsets and Data Devices
PRODUCT DESCRIPTION
The AWT6321 addresses the demand for increased
integration in dual-band handsets for North American
CDMA network deployments. The small footprint 3
mm x 5 mm x 1 mm surface mount RoHS compliant
package contains independent RF PA paths to ensure
optimal performance in both frequency bands, while
achieving a 25% PCB space savings compared with
solutions requiring two single-band PAs. The package
pinout was chosen to enable handset manufacturers
to easily route VCC to both power amplifiers and
simplify control with a common VMODE pin. The
device is manufactured on an advanced InGaP HBT
MMIC technology offering state-of-the-art reliability,
temperature stability, and ruggedness. The AWT6321
is part of ANADIGICS’ High-Efficiency-at-Low-Power
(HELP™) family of CDMA power amplifiers, which
deliver low quiescent currents and significantly
greater efficiency without a costly external DAC or
DC-DC converter. Through selectable bias modes, the
AWT6321 achieves optimal efficiency across different
output power levels, specifically at low- and mid-
range power levels where the PA typically operates,
thereby dramatically increasing handset talk-time and
standby-time. Its built-in voltage regulator eliminates
the need for external switches. The 3 mm x 5 mm x
1 mm surface mount package incorporates matching
networks optimized for output power, efficiency and
linearity in a 50 Ω system.
Figure 1: Block Diagram


Similar Part No. - AWT6321RM28Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6301 ANADIGICS-AWT6301 Datasheet
244Kb / 10P
   CELLULAR DUAL MODE AMPLS/CDMA 3.4V/28 dBm LINEAR POWER AMPLIFIER MODULE
AWT6301M9P8 ANADIGICS-AWT6301M9P8 Datasheet
244Kb / 10P
   CELLULAR DUAL MODE AMPLS/CDMA 3.4V/28 dBm LINEAR POWER AMPLIFIER MODULE
AWT6301R ANADIGICS-AWT6301R Datasheet
382Kb / 9P
   Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
AWT6301RM9Q7 ANADIGICS-AWT6301RM9Q7 Datasheet
382Kb / 9P
   Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
More results

Similar Description - AWT6321RM28Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
   HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
   HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
AWT6307R ANADIGICS-AWT6307R_08 Datasheet
384Kb / 8P
   HELP2TM Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6310R ANADIGICS-AWT6310R Datasheet
158Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
ALT6725 ANADIGICS-ALT6725 Datasheet
881Kb / 13P
   HELP3E Dual-band Cellular & PCS LTE 3.4 V Linear Power Amplifier Module
AWT6314R ANADIGICS-AWT6314R Datasheet
166Kb / 12P
   Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
AWT6221R ANADIGICS-AWT6221R_10 Datasheet
583Kb / 8P
   HELP3 Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6221R ANADIGICS-AWT6221R Datasheet
535Kb / 8P
   HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com