Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2859CDD-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2859CDD-PBF
Description  20Mbps RS485 Transceivers with Integrated Switchable Termination
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2859CDD-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2859CDD-PBF Datasheet HTML 5Page - Linear Technology LTC2859CDD-PBF Datasheet HTML 6Page - Linear Technology LTC2859CDD-PBF Datasheet HTML 7Page - Linear Technology LTC2859CDD-PBF Datasheet HTML 8Page - Linear Technology LTC2859CDD-PBF Datasheet HTML 9Page - Linear Technology LTC2859CDD-PBF Datasheet HTML 10Page - Linear Technology LTC2859CDD-PBF Datasheet HTML 11Page - Linear Technology LTC2859CDD-PBF Datasheet HTML 12Page - Linear Technology LTC2859CDD-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC2859/LTC2861
9
285961fb
LTC2859
LOGIC INPUTS
DE
RE
TE
MODE
A, B
RO
TERMINATOR
0
0
0
Receive
RIN
Enabled
Off
0
0
1
Receive with Term
RIN
Enabled
On
0
1
0
Shutdown
RIN
Hi-Z
Off
0
1
1
Term Only
RIN
Hi-Z
On
1
0
0
Transmit with Receive
Driven
Enabled
Off
1
0
1
Transmit with Receive
and Term
Driven
Enabled
On
1
1
0
Transmit
Driven
Hi-Z
Off
1
1
1
Transmit with Term
Driven
Hi-Z
On
LTC2861
LOGIC INPUTS
DE
RE
TE
MODE
A, B
Y, Z
RO
TERMINATOR
0
0
0
Receive
RIN
Hi-Z
Enabled
Off
0
0
1
Receive with Term
RIN
Hi-Z
Enabled
On
0
1
0
Shutdown
RIN
Hi-Z
Hi-Z
Off
0
1
1
Term Only
RIN
Hi-Z
Hi-Z
On
1
0
0
Transmit with Receive
RIN
Driven
Enabled
Off
1
0
1
Transmit with Receive
and Term
RIN
Driven
Enabled
On
1
1
0
Transmit
RIN
Driven
Hi-Z
Off
1
1
1
Transmit with Term
RIN
Driven
Hi-Z
On
LTC2859
LTC2861
FUNCTION TABLES
BLOCK DIAGRAMS
120Ω
DE
RO
DI
A
(15kV)
TE
B
(15kV)
Z
(15kV)
Y
(15kV)
SLEEP/SHUTDOWN
LOGIC AND DELAY
RECEIVER
DRIVER
RE
SLO
120Ω
DE
RO
DI
A
(15kV)
TE
B
(15kV)
SLEEP/SHUTDOWN
LOGIC AND DELAY
RECEIVER
DRIVER
RE
SLO
2859/61 BD


Similar Part No. - LTC2859CDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2859 LINER-LTC2859 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2859 LINER-LTC2859 Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2859 LINER-LTC2859 Datasheet
1Mb / 32P
   짹60V Rugged PROFIBUS RS485 Transceivers
More results

Similar Description - LTC2859CDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854 Datasheet
234Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_12 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com