Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6261R Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWT6261R
Description  2.5-2.7 GHz Mobile WiMAX Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6261R Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWT6261R Datasheet HTML 1Page - ANADIGICS, Inc AWT6261R Datasheet HTML 2Page - ANADIGICS, Inc AWT6261R Datasheet HTML 3Page - ANADIGICS, Inc AWT6261R Datasheet HTML 4Page - ANADIGICS, Inc AWT6261R Datasheet HTML 5Page - ANADIGICS, Inc AWT6261R Datasheet HTML 6Page - ANADIGICS, Inc AWT6261R Datasheet HTML 7Page - ANADIGICS, Inc AWT6261R Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ANADIGICS CONFIDENTIAL AND PROPRIETARY
PRELIMINARY DATA SHEET - Rev 1.3
07/2008
AWT6261R
Table 4: Electrical Specifications
(TC = +25 °C, VCC = +3.3 V, VREF = +2.85 V, 50 Ω system)
Notes:
(1) Spectrum Mask, Efficiency, and EVM measured at 2593 MHz and POUT = +25 dBm.
(2) Modulation QPSK 1/2 CTC, FFT size = 1024, Band Power = 9.4 MHz, Number of Bursts = 1, No DL.
(3) Modulation QPSK 1/2 CTC, FFT size = 1024, Band Power = 9.4 MHz, Number of Bursts = 1, Symbol all from 0 to 14,
Permbase = 4.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Gain
27
31
-
dB
POUT = +25 dBm
Spectrum Mask (1), (2)
@ 5 MHz
@ 6 MHz
@ 11 MHz
@ 20 MHz
-
-
-
-
-29
-28
-41
-55
-25
-25
-37
-50
dBc
Res BW 100 kHz
Res BW 1 MHz
Res BW 1 MHz
Res BW 1 MHz
Power-Added Efficiency (1)
18
22
-
%
POUT = +25 dBm
EVM (1), (3)
-
2
4
%
Quiescent Current (Icq)
-
110
-
mA
Reference Current
-
6
8
mA
through VREF pin
Leakage Current
-
<1
5
µA
VCC = +4.2 V, VREF = 0 V
Harmonics
2fo
3fo, 4fo
-
-
-45
-65
-35
-45
dBc
Input Impedance
-
-
2:1
VSWR
Spurious Output Level
(all spurious outputs)
-
-
-60
dBc
POUT < +25 dBm
In-band load VSWR < 5:1
Out-of-band load VSWR < 10:1
Applies over all voltage and
temperature operating ranges
Load mismatch stress with no
permanent degradation or failure
8:1
-
-
VSWR
VCC = +5.0 V, PIN = +5 dBm
Applies over full operating
temperature range


Similar Part No. - AWT6261R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
Skyworks Solutions Inc.
AWT6264R SKYWORKS-AWT6264R Datasheet
648Kb / 12P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
AWT6264RM49P7 SKYWORKS-AWT6264RM49P7 Datasheet
648Kb / 12P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
ANADIGICS, Inc
AWT6264RM49P8 ANADIGICS-AWT6264RM49P8 Datasheet
399Kb / 9P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
Skyworks Solutions Inc.
AWT6264RM49P8 SKYWORKS-AWT6264RM49P8 Datasheet
648Kb / 12P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
More results

Similar Description - AWT6261R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWM6268 ANADIGICS-AWM6268 Datasheet
462Kb / 10P
   2.5-2.7 GHz Mobile WiMAX/LTE Power Amplifier Module
logo
Skyworks Solutions Inc.
AWM6268 SKYWORKS-AWM6268 Datasheet
738Kb / 12P
   2.5-2.7 GHz Mobile WiMAX/LTE Power Amplifier Module
logo
ANADIGICS, Inc
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
Skyworks Solutions Inc.
AWT6264R SKYWORKS-AWT6264R Datasheet
648Kb / 12P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
SiGe Semiconductor, Inc...
SE7262L SIGE-SE7262L Datasheet
137Kb / 2P
   2.5-2.7 GHz WiMAX Power Amplifier
logo
Analog Devices
ADL5571 AD-ADL5571 Datasheet
468Kb / 16P
   2.5 GHz to 2.7 GHz WiMAX Power Amplifier
REV. 0
logo
AVAGO TECHNOLOGIES LIMI...
MGA-22103 AVAGO-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
Broadcom Corporation.
MGA-22103 BOARDCOM-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
Johanson Technology Inc...
2600BP14M0200 JOHANSON-2600BP14M0200 Datasheet
118Kb / 2P
   2.5 - 2.7 GHz WiMAX BPF
logo
SiGe Semiconductor, Inc...
SE7261A SIGE-SE7261A Datasheet
156Kb / 2P
   2.5-2.7 GHz WiMAX Front End Module Preliminary
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com