Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2755BIUP-16-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2755BIUP-16-TRPBF
Description  Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2755BIUP-16-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2755BIUP-16-TRPBF Datasheet HTML 3Page - Linear Technology LTC2755BIUP-16-TRPBF Datasheet HTML 4Page - Linear Technology LTC2755BIUP-16-TRPBF Datasheet HTML 5Page - Linear Technology LTC2755BIUP-16-TRPBF Datasheet HTML 6Page - Linear Technology LTC2755BIUP-16-TRPBF Datasheet HTML 7Page - Linear Technology LTC2755BIUP-16-TRPBF Datasheet HTML 8Page - Linear Technology LTC2755BIUP-16-TRPBF Datasheet HTML 9Page - Linear Technology LTC2755BIUP-16-TRPBF Datasheet HTML 10Page - Linear Technology LTC2755BIUP-16-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2755
7
2755f
VREF (V)
–10 –8
0
4
4
–6
2
2
6
8
10
2755 G09
VDD = 5V
±5V RANGE
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
–0.6
0.6
0.8
0.2
+DNL
–DNL
+DNL
–DNL
TEMPERATURE (°C)
–40
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
–20
20
0
40
–0.6
0.6
0.8
0.2
60
80
2755 G05
VDD = 5V
VREF = 5V
±10V RANGE
+DNL
–DNL
TEMPERATURE (°C)
–40
–8
–4
–2
0
4
–20
20
0
40
–6
6
8
2
60
80
2755 G06
VDD = 5V
VREF = 5V
±10V RANGE
0.5ppm/°C (TYP)
TEMPERATURE (°C)
–40
–16
–8
–4
0
8
–20
20
0
40
–12
12
16
4
60
80
2755 G07
VDD = 5V
VREF = 5V
±10V RANGE
0.6ppm/°C (TYP)
VREF (V)
–10 –8
0
4
4
–6
2
2
6
8
10
2755 G08
VDD = 5V
±5V RANGE
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
–0.6
0.6
0.8
0.2
+INL
–INL
+INL
–INL
DNL vs Temperature
Bipolar Zero vs Temperature
Gain Error vs Temperature
INL vs VREF
DNL vs VREF
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
LTC2755-16
VDD (V)
2.5
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
3
4
3.5
4.5
–0.6
0.6
0.8
0.2
5
5.5
2755 G09b
+INL
–INL
INL vs VDD
Multiplying Frequency Response
vs Digital Code
FREQUENCY (Hz)
100
–120
–100
–80
–60
–40
–20
0
1k
10k
100k
1M
2755 G10a
10M
ALL BITS OFF
D8
D4
D2
D0
D7
D1
D3
D9
D6
D5
D15
D14
D12
D10
D13
D11
ALL BITS ON
UNIPOLAR 5V OUTPUT RANGE
LT1469 OUTPUT AMPLIFIER
CFEEDBACK = 8.2pF


Similar Part No. - LTC2755BIUP-16-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755 LINER-LTC2755 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results

Similar Description - LTC2755BIUP-16-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
315Kb / 20P
   Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com