Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2803CGN-1-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2803CGN-1-PBF
Description  1.8V to 5.5V RS-232 Single and Dual Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2803CGN-1-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2803CGN-1-PBF Datasheet HTML 4Page - Linear Technology LTC2803CGN-1-PBF Datasheet HTML 5Page - Linear Technology LTC2803CGN-1-PBF Datasheet HTML 6Page - Linear Technology LTC2803CGN-1-PBF Datasheet HTML 7Page - Linear Technology LTC2803CGN-1-PBF Datasheet HTML 8Page - Linear Technology LTC2803CGN-1-PBF Datasheet HTML 9Page - Linear Technology LTC2803CGN-1-PBF Datasheet HTML 10Page - Linear Technology LTC2803CGN-1-PBF Datasheet HTML 11Page - Linear Technology LTC2803CGN-1-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC2801/LTC2802/
LTC2803/LTC2804
8
2801234fc
PIN FUNCTIONS
MODE CONTROL
PIN NAME
PIN NUMBER
COMMENTS
2801
2802
2803
2804
2803-1
2804-1
VCC
3
5
5
Input Supply (1.8V-5.5V). Bypass to GND with a 1μF capacitor.
VDD
4
6
6
Generated Positive Supply Voltage for RS-232 Driver (7V). Connect a 1μF capacitor between
VDD and GND.
VEE
13*
17*
9
Generated Negative Supply Voltage for RS-232 Driver (–6.3V). Connect a 1μF capacitor
between VEE and GND.
SW
5
7
7
Switch Pin. Connect a 10μH inductor between SW and VCC.
GND
6
8
8
Ground.
CAP
7
9
10
Charge Pump Capacitor for Generated Negative Supply Voltage. Connect a 220nF capacitor
between CAP and SW.
VL
10
12
12
Logic Supply (1.8V-5.5V) for the receiver outputs, driver inputs, and control inputs. This pin
should be bypassed to GND with a 220nF capacitor if it’s not tied to VCC.
TIN (T1IN, T2IN)
11
14, 13
14, 13
Driver Input(s), referenced to VL.
TOUT (T1OUT, T2OUT)
2
3, 4
3, 4
RS-232 Driver Output(s).
RIN (R1IN, R2IN)
1
1, 2
1, 2
RS-232 Receiver Input(s). Includes internal 5kΩ termination resistor(s).
ROUT (R1OUT, R2OUT)
12
16, 15
16, 15
Receiver Output(s), referenced to VL. Output is short-circuit protected to GND/VCC/VL, and is
high impedance in Shutdown mode, allowing data line sharing.
PS
8
10
Power Supply control pin, referenced to VL. Enables the integrated DC-DC converter.
MODE
9
11
Mode control pin, referenced to VL. See Table 1 for functionality.
ON/OFF
11
Transceiver enable pin, referenced to VL. A logic low puts the device in Shutdown mode and
places both driver and receiver outputs in a high impedance state.
*Backside thermal pad
Table 1. LTC2801-LTC2804
MODE NAME
PS
MODE
RECEIVER
OUTPUT(S)
DC-DC
DRIVER
OUTPUT(S)
IVCC*IVL*
SHUTDOWN
L
L
HI-Z
OFF
HI-Z
1μA
1μA
RECEIVERS ACTIVE
L
H
ON
OFF
HI-Z
1μA
15μA
DRIVERS DISABLED
H
L
ON
ON
HI-Z
2.1mA
80μA OR
150μA
NORMAL
H
H
ON
ON
ON
2.3mA
80μA OR
150μA
Table 2. LTC2803-1, LTC2804-1
MODE NAME
ON/
OFF
RECEIVER
OUTPUTS
DC-DC
DRIVER
OUTPUTS
IVCC*IVL*
SHUTDOWN
L
HI-Z
OFF
HI-Z
1μA
1μA
NORMAL
H
ON
ON
ON
2.3mA
150μA
*Typical currents for static drivers. Normal mode currents are for unloaded outputs.


Similar Part No. - LTC2803CGN-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2803CGN-1 LINER-LTC2803CGN-1 Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2803CGN-1 LINER-LTC2803CGN-1 Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2803CGN-1 LINER-LTC2803CGN-1 Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
More results

Similar Description - LTC2803CGN-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2803 LINER-LTC2803_15 Datasheet
384Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2801CDE LINER-LTC2801CDE Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802CDE LINER-LTC2802CDE Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2801 LINER-LTC2801_15 Datasheet
384Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2803CDHC LINER-LTC2803CDHC Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802IDE LINER-LTC2802IDE Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2804 LINER-LTC2804_15 Datasheet
384Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802 LINER-LTC2802_15 Datasheet
384Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com