Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6172HM33P9 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWT6172HM33P9
Description  GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6172HM33P9 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWT6172HM33P9 Datasheet HTML 1Page - ANADIGICS, Inc AWT6172HM33P9 Datasheet HTML 2Page - ANADIGICS, Inc AWT6172HM33P9 Datasheet HTML 3Page - ANADIGICS, Inc AWT6172HM33P9 Datasheet HTML 4Page - ANADIGICS, Inc AWT6172HM33P9 Datasheet HTML 5Page - ANADIGICS, Inc AWT6172HM33P9 Datasheet HTML 6Page - ANADIGICS, Inc AWT6172HM33P9 Datasheet HTML 7Page - ANADIGICS, Inc AWT6172HM33P9 Datasheet HTML 8Page - ANADIGICS, Inc AWT6172HM33P9 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
aWt6172
PRELIMINARY DATA SHEET - Rev 1.4
02/2009
table 1: Pin Description
PIN
NaMe
DesCrIPtION
1
DCS/PCS_IN
RF input to the DCS/PCS PA. There is a 175  shunt resistor before the DC
blocking capacitor to set the input impedance
2
BS
Band select logic pin. Logic low selects the GSM PA and a logic high selects
the DCS/PCS PA
3
TX_EN
TX enable logic pin, a logic high will enable the PA
4
VBATT
Battery supply connection
5
VMODE
Logic pin for selection of GMSK or 8PSK (EDGE) mode. A logic low selects
GMSK mode and a logic high selects the 8PSK mode
6
VRAMP
Analog output power control pin
7
GSM850/900_IN RF input to GSM850/900 PA.
8
VBIAS
VBIAS logic input. A logic low sets a low bias point for current savings at low
power levels, a logic high sets a high bias point for meeting linearity
perfomance up to the maximum specified linear ouptut power
9
GND
Ground
10
GND
Ground
11 GSM850/900_OUT RF output for GSM850/900 bands (DC blocked)
12
GND
Ground
13
GND
Ground
14
GND
Ground
15
GND
Ground
16
GND
Ground
17
DCS/PCS_OUT
RF output for DCS/PCS bands (DC blocked)
18
GND
Ground
19
GND
Ground
20
GND
Ground


Similar Part No. - AWT6172HM33P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
AWT6103M5 ANADIGICS-AWT6103M5 Datasheet
139Kb / 4P
   Cellular Dual Mode AMPS/TDMA Mode 3.5V/30 dBm Linear Power Amplifier Module
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
   PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
AWT6105M5 ANADIGICS-AWT6105M5 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
More results

Similar Description - AWT6172HM33P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6168 ANADIGICS-AWT6168 Datasheet
223Kb / 12P
   GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
AWT6155 ANADIGICS-AWT6155 Datasheet
536Kb / 16P
   Quad-band GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
AWT6223R ANADIGICS-AWT6223R Datasheet
563Kb / 16P
   WCDMA/GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
AWT6280 ANADIGICS-AWT6280 Datasheet
585Kb / 16P
   Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
logo
Freescale Semiconductor...
MMM6035 FREESCALE-MMM6035 Datasheet
699Kb / 22P
   Quad-Band GSM/GPRS PA Module with Integrated Power Control
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
   Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
   Quad Band GSM/GPRS Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77365 SKYWORKS-SKY77365 Datasheet
80Kb / 2P
   Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
SKY77336 SKYWORKS-SKY77336 Datasheet
66Kb / 2P
   Power Amplifier Module for Quad-Band GSM/GPRS/EDGE
SKY77354 SKYWORKS-SKY77354_13 Datasheet
77Kb / 2P
   Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com