Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVA9232RS35 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # EVA9232RS35
Description  802.11b/g/n WLAN PA/LNA/RF Switch 2400 - 2500 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

EVA9232RS35 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button EVA9232RS35 Datasheet HTML 2Page - ANADIGICS, Inc EVA9232RS35 Datasheet HTML 3Page - ANADIGICS, Inc EVA9232RS35 Datasheet HTML 4Page - ANADIGICS, Inc EVA9232RS35 Datasheet HTML 5Page - ANADIGICS, Inc EVA9232RS35 Datasheet HTML 6Page - ANADIGICS, Inc EVA9232RS35 Datasheet HTML 7Page - ANADIGICS, Inc EVA9232RS35 Datasheet HTML 8Page - ANADIGICS, Inc EVA9232RS35 Datasheet HTML 9Page - ANADIGICS, Inc EVA9232RS35 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
PRELIMINARY DATA SHEET - Rev 1.0
04/2008
AWL9232
Table 5: Electrical Specifications - Tx Path 802.11g
(TC = +25 °C, VCC = +3.8 V, VPA_EN = +3.1 V, VLNA_EN = 0 V, VBT_EN = 0 V, 64 QAM OFDM 54 Mbps)
Table 6: Electrical Specifications - Tx Path 802.11b
(TC = +25 °C, VCC = +3.8 V, VPA_EN = +3.1 V, VLNA_EN = 0 V, VBT_EN = 0 V,
1 Mbps CCK/DSSS, Gaussian Baseband Filtering, bT = 0.50)
Notes:
(1) Power as measured at antenna port of AWL9232.
(2) EVM does not include system noise floor of 1% (-40 dB).
Notes:
(1) Power as measured at antenna port of AWL9232.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
OperatingFrequency
2400
-
2500
MHz
PowerGain
21
25
29
dB
GainRipple
-
1.0
2.5
dB
Across100MHzband
ErrorVectorMagnitude(EVM)(2)
-
-
2.5
-32.0
4.0
-28.0
%
dB
POUT = +19 dBm(1)
CurrentConsumption
110
145
180
mA
POUT = +19 dBm(1)
TXSpectrumMask
Pass
-
-
N/A
POUT = +19 dBm(1)
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
OperatingFrequency
2400
-
2500
MHz
PowerGain
21
25
29
dB
GainRipple
-
1.0
2.5
dB
Acrossany100MHzband
AdjacentChannelPower(ACPR)
1stSidelobe(11-22MHzOffset)
-
-34
-30
dBr
POUT = +21 dBm(1)
AdjacentChannelPower(ACPR)
2ndSidelobe(>22MHzOffset)
-
-56
-50
dBr
POUT = +21 dBm(1)
TxSpectrumMask
Pass
-
-
N/A
POUT = +21 dBm(1)
CurrentConsumption
130
175
220
mA
POUT = +21 dBm(1)


Similar Part No. - EVA9232RS35

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
EVA9224RS28 ANADIGICS-EVA9224RS28 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
EVA9224RS28 ANADIGICS-EVA9224RS28 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
More results

Similar Description - EVA9232RS35

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
   2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
logo
Anaren Microwave
XEC24E3-03G ANAREN-XEC24E3-03G Datasheet
2Mb / 18P
   2400-2500 MHz
logo
List of Unclassifed Man...
RT5390 ETC1-RT5390 Datasheet
2Mb / 36P
   802.11b/g/n 1T1R WLAN Mini Card
logo
Realtek Semiconductor C...
RTL8188ETV REALTEK-RTL8188ETV Datasheet
393Kb / 20P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
logo
NXP Semiconductors
BGS8324 NXP-BGS8324 Datasheet
137Kb / 12P
   WLAN LNA Switch
Rev. 4-18 January 2017
BGS8358 NXP-BGS8358 Datasheet
114Kb / 12P
   WLAN LNA Switch
Rev. 4-18 January 2017
logo
STMicroelectronics
STLC4550 STMICROELECTRONICS-STLC4550 Datasheet
147Kb / 5P
   Single chip 802.11b/g WLAN radio
logo
TriQuint Semiconductor
TQM679002A TRIQUINT-TQM679002A Datasheet
75Kb / 1P
   802.11b/g/n WLAN/BT Front-End Module
TQP6M9002 TRIQUINT-TQP6M9002 Datasheet
58Kb / 1P
   802.11b/g/n WLAN/BT Front-End Module
TQF9046 TRIQUINT-TQF9046_15 Datasheet
249Kb / 1P
   802.11b/g/n BT WLAN Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com