Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6172 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWT6172
Description  GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6172 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWT6172 Datasheet HTML 1Page - ANADIGICS, Inc AWT6172 Datasheet HTML 2Page - ANADIGICS, Inc AWT6172 Datasheet HTML 3Page - ANADIGICS, Inc AWT6172 Datasheet HTML 4Page - ANADIGICS, Inc AWT6172 Datasheet HTML 5Page - ANADIGICS, Inc AWT6172 Datasheet HTML 6Page - ANADIGICS, Inc AWT6172 Datasheet HTML 7Page - ANADIGICS, Inc AWT6172 Datasheet HTML 8Page - ANADIGICS, Inc AWT6172 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
aWt6172
PRELIMINARY DATA SHEET - Rev 1.4
02/2009
stresses in excess of the absolute ratings may cause permanent
damage. Functional operation is not implied under these
conditions. exposure to absolute ratings for extended periods
of time may adversely affect reliability.
eLeCtrICaL CHaraCterIstICs
table 2: absolute Maximum ratings
although protection circuitry has been designed into this device, proper precautions
should be taken to avoid exposure to electrostatic discharge (esD) during handling and
mounting. Human body model HBM employed is resistance = 1500Ω, capacitance = 100pF.
table 3: esD ratings
table 4: Digital Inputs
ParaMeter
MIN
MaX
uNIts
Supply Voltage (VBATT)
-0.5
+6
V
RF Input Power (RFIN)
-
12
dBm
Control Voltage (VRAMP)
-0.3
3.0
V
Storage Temperature (TSTG)
-55
150
°C
ParaMeter
sYMBOL
MIN tYP MaX uNIts
Logic High Voltage
VIH
1.2
-
3.0
V
Logic Low Voltage
VIL
-0.5
-
0.5
V
Logic High Current
|IIH|
-
-
30
A
Logic Low Current
|IIL|
-
-
30
A
ParaMeter
MetHOD
ratING
uNIt
ESD Threshold voltage (RF ports)
HBM
2.5
kV
ESD Threshold voltage (control inputs)
HBM
2.5
kV


Similar Part No. - AWT6172

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
AWT6103M5 ANADIGICS-AWT6103M5 Datasheet
139Kb / 4P
   Cellular Dual Mode AMPS/TDMA Mode 3.5V/30 dBm Linear Power Amplifier Module
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
   PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
AWT6105M5 ANADIGICS-AWT6105M5 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
More results

Similar Description - AWT6172

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6168 ANADIGICS-AWT6168 Datasheet
223Kb / 12P
   GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
AWT6155 ANADIGICS-AWT6155 Datasheet
536Kb / 16P
   Quad-band GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
AWT6223R ANADIGICS-AWT6223R Datasheet
563Kb / 16P
   WCDMA/GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
AWT6280 ANADIGICS-AWT6280 Datasheet
585Kb / 16P
   Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
logo
Freescale Semiconductor...
MMM6035 FREESCALE-MMM6035 Datasheet
699Kb / 22P
   Quad-Band GSM/GPRS PA Module with Integrated Power Control
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
   Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
   Quad Band GSM/GPRS Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77365 SKYWORKS-SKY77365 Datasheet
80Kb / 2P
   Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
SKY77336 SKYWORKS-SKY77336 Datasheet
66Kb / 2P
   Power Amplifier Module for Quad-Band GSM/GPRS/EDGE
SKY77354 SKYWORKS-SKY77354_13 Datasheet
77Kb / 2P
   Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com