Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWL9232RS35Q1 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # AWL9232RS35Q1
Description  802.11b/g/n WLAN PA/LNA/RF Switch 2400 - 2500 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWL9232RS35Q1 Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button AWL9232RS35Q1 Datasheet HTML 5Page - ANADIGICS, Inc AWL9232RS35Q1 Datasheet HTML 6Page - ANADIGICS, Inc AWL9232RS35Q1 Datasheet HTML 7Page - ANADIGICS, Inc AWL9232RS35Q1 Datasheet HTML 8Page - ANADIGICS, Inc AWL9232RS35Q1 Datasheet HTML 9Page - ANADIGICS, Inc AWL9232RS35Q1 Datasheet HTML 10Page - ANADIGICS, Inc AWL9232RS35Q1 Datasheet HTML 11Page - ANADIGICS, Inc AWL9232RS35Q1 Datasheet HTML 12Page - ANADIGICS, Inc AWL9232RS35Q1 Datasheet HTML 13Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PRELIMINARY DATA SHEET - Rev 1.0
04/2008
AWL9232
9
Table 9: Control Logic Truth Table
Table 10: Control Voltages and Timing
FEIC Mode
VCC
PA
Enable
Bluetooth
Enable
LNA
Enable
PA
Status
LNA
Status
Switch Status
Shutdown
On
0
0
0
Off
Off
Notconnected
WLANRx
On
0
0
1
Off
On
WLANRx
Bluetooth
On
0
1
0
Off
Off
Bluetooth
WLANTx
On
1
0
0
On
Off
WLANTx
Parameter
Min
Typ
Max
Unit Comments
LNAEnablePinControlVoltage
2.0
-
-
-
VCC
+0.4
V
LNA = 1
LNA = 0
BluetoothEnablePinControlVoltage
2.0
-
-
-
VCC
+0.4
V
Bluetooth=1
Bluetooth=0
PAEnablePinControlVoltage
2.0
-
-
-
VCC
+0.4
V
PA = 1
PA = 0


Similar Part No. - AWL9232RS35Q1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224RS28P0 ANADIGICS-AWL9224RS28P0 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224RS28P6 ANADIGICS-AWL9224RS28P6 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224RS28Q1 ANADIGICS-AWL9224RS28Q1 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
More results

Similar Description - AWL9232RS35Q1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
   2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
logo
Anaren Microwave
XEC24E3-03G ANAREN-XEC24E3-03G Datasheet
2Mb / 18P
   2400-2500 MHz
logo
List of Unclassifed Man...
RT5390 ETC1-RT5390 Datasheet
2Mb / 36P
   802.11b/g/n 1T1R WLAN Mini Card
logo
Realtek Semiconductor C...
RTL8188ETV REALTEK-RTL8188ETV Datasheet
393Kb / 20P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
logo
NXP Semiconductors
BGS8324 NXP-BGS8324 Datasheet
137Kb / 12P
   WLAN LNA Switch
Rev. 4-18 January 2017
BGS8358 NXP-BGS8358 Datasheet
114Kb / 12P
   WLAN LNA Switch
Rev. 4-18 January 2017
logo
STMicroelectronics
STLC4550 STMICROELECTRONICS-STLC4550 Datasheet
147Kb / 5P
   Single chip 802.11b/g WLAN radio
logo
TriQuint Semiconductor
TQM679002A TRIQUINT-TQM679002A Datasheet
75Kb / 1P
   802.11b/g/n WLAN/BT Front-End Module
TQP6M9002 TRIQUINT-TQP6M9002 Datasheet
58Kb / 1P
   802.11b/g/n WLAN/BT Front-End Module
TQF9046 TRIQUINT-TQF9046_15 Datasheet
249Kb / 1P
   802.11b/g/n BT WLAN Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com