Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWL9232RS35P8 Datasheet(PDF) 11 Page - ANADIGICS, Inc

Part # AWL9232RS35P8
Description  802.11b/g/n WLAN PA/LNA/RF Switch 2400 - 2500 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWL9232RS35P8 Datasheet(HTML) 11 Page - ANADIGICS, Inc

Back Button AWL9232RS35P8 Datasheet HTML 7Page - ANADIGICS, Inc AWL9232RS35P8 Datasheet HTML 8Page - ANADIGICS, Inc AWL9232RS35P8 Datasheet HTML 9Page - ANADIGICS, Inc AWL9232RS35P8 Datasheet HTML 10Page - ANADIGICS, Inc AWL9232RS35P8 Datasheet HTML 11Page - ANADIGICS, Inc AWL9232RS35P8 Datasheet HTML 12Page - ANADIGICS, Inc AWL9232RS35P8 Datasheet HTML 13Page - ANADIGICS, Inc AWL9232RS35P8 Datasheet HTML 14Page - ANADIGICS, Inc AWL9232RS35P8 Datasheet HTML 15Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PRELIMINARY DATA SHEET - Rev 1.0
04/2008
AWL9232
11
Figure 8: Tx Path Gain and Icc vs. Output Power
Across Freq (VCC = +3.8 V, TA = +25oC)
802.11b Gaussian Filtering (bT = 0.5), 1 Mbps
Figure 10: Tx Path Gain and Icc vs. Output Power
Across Supply Voltage (Freq = 2.45 GHz, TA =
+25oC) 802.11b Gaussian Filtering (bT = 0.5), 1 Mbps
Figure 9: Tx Path Gain and Icc vs. Output Power
Across Temp (Freq = 2.45 GHz, VCC = +3.8 V)
802.11b Gaussian Filtering (bT = 0.5), 1 Mbps
Figure 8: Tx Path Gain and Icc vs. Output Power Across Freq
(VCC = +3.8 V, TA = +25 C)
802.11b Gaussian Filtering (bT = 0.5), 1 Mbps
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Gain2.40GHz
Gain2.45GHz
Gain2.50GHz
Current2.40GHz
Current2.45GHz
Current2.50GHz
Gain
Current
Figure 9. Tx Path Gain and Icc vs. Output Power Across Temp
(Freq = 2.45 GHz, VCC = +3.8 V)
802.11b Root Cosine Filtering (bT = 0.5), 1 Mbps
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Gain-40C
Gain+25C
Gain+85C
Current-40C
Current+25C
Current+85C
Gain
Current
Figure 10: Tx Path Gain and Icc vs. Output Power Across Supply Voltage
(Freq = 2.45 GHz, TA = +25 C)
802.11b Gaussian Filtering (bT = 0.5), 1 Mbps
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Gain3.0V
Gain3.4V
Gain3.8V
Gain4.2V
Icc3.0V
Icc3.4V
Icc3.8V
Icc4.2V
Gain
Current
Figure 11: Tx Path ACPR Sidelobes 1&2 vs. Output
Power Across Freq (VCC = +3.8 V, TA = +25oC)
802.11b Gaussian Filtering (bT = 0.5), 1 Mbps
Figure 11: Tx Path ACPR Sidelobes 1&2 vs. Output Power Across Freq
(VCC = +3.8 V, TA = +25 C)
802.11b Gaussian Filtering (bT = 0.5), 1 Mbps
-70
-66
-62
-58
-54
-50
-46
-42
-38
-34
-30
-26
-22
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
1stSidelobe2.40GHz
1stSidelobe2.45GHz
1stSidelobe2.50GHz
2ndSidelobe2.40GHz
2ndSidelobe2.45GHz
2ndSidelobe2.50GHz
Figure 12: Tx Path ACPR Sidelobes 1&2 vs. Output
Power Across Temp (Freq = 2.45 GHz, VCC = +3.8 V)
802.11b Root Cosine Filtering (bT = 0.5), 1 Mbps
Figure 13: Tx Path ACPR Sidelobes 1&2 vs. Output
Power Across Power Supply Voltage (Freq = 2.45 GHz,
TA = +25oC) 802.11b Gaussian Filtering (bT = 0.5), 1 Mbps
Figure 12. Tx Path ACPR Sidelobes 1&2 vs. Output Power Across Temp
(Freq = 2.45 GHz, VCC = +3.8 V)
802.11b Root Cosine Filtering (bT = 0.5), 1 Mbps
-66
-62
-58
-54
-50
-46
-42
-38
-34
-30
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
Output Power (dBm)
1stSidelobe-40C
1stSidelobe+25C
1stSidelobe+85C
2ndSidelobe-40C
2ndSidelobe+25C
2ndSidelobe+85C
Figure 13: Tx Path ACPR Sidelobes 1&2 vs. Output Power Across Supply
Voltage
(Freq = 2.45 GHz, TA = +25 C)
802.11b Gaussian Filtering (bT = 0.5), 1 Mbps
-70
-66
-62
-58
-54
-50
-46
-42
-38
-34
-30
-26
-22
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Output Power (dBm)
1stSidelobe3.00V
1stSidelobe3.40V
1stSidelobe3.80V
1stSidelobe4.20V
2ndSidelobe3.00V
2ndSidelobe3.40V
2ndSidelobe3.80V
2ndSidelobe4.20V


Similar Part No. - AWL9232RS35P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224RS28P0 ANADIGICS-AWL9224RS28P0 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224RS28P6 ANADIGICS-AWL9224RS28P6 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224RS28Q1 ANADIGICS-AWL9224RS28Q1 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
More results

Similar Description - AWL9232RS35P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6254 ANADIGICS-AWL6254 Datasheet
543Kb / 16P
   2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
logo
Anaren Microwave
XEC24E3-03G ANAREN-XEC24E3-03G Datasheet
2Mb / 18P
   2400-2500 MHz
logo
List of Unclassifed Man...
RT5390 ETC1-RT5390 Datasheet
2Mb / 36P
   802.11b/g/n 1T1R WLAN Mini Card
logo
Realtek Semiconductor C...
RTL8188ETV REALTEK-RTL8188ETV Datasheet
393Kb / 20P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
logo
NXP Semiconductors
BGS8324 NXP-BGS8324 Datasheet
137Kb / 12P
   WLAN LNA Switch
Rev. 4-18 January 2017
BGS8358 NXP-BGS8358 Datasheet
114Kb / 12P
   WLAN LNA Switch
Rev. 4-18 January 2017
logo
STMicroelectronics
STLC4550 STMICROELECTRONICS-STLC4550 Datasheet
147Kb / 5P
   Single chip 802.11b/g WLAN radio
logo
TriQuint Semiconductor
TQM679002A TRIQUINT-TQM679002A Datasheet
75Kb / 1P
   802.11b/g/n WLAN/BT Front-End Module
TQP6M9002 TRIQUINT-TQP6M9002 Datasheet
58Kb / 1P
   802.11b/g/n WLAN/BT Front-End Module
TQF9046 TRIQUINT-TQF9046_15 Datasheet
249Kb / 1P
   802.11b/g/n BT WLAN Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com