Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVA6254RS35 Datasheet(PDF) 10 Page - ANADIGICS, Inc

Part # EVA6254RS35
Description  2.4 GHz 802.11b/g/n WLAN PA, LNA, and RF Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

EVA6254RS35 Datasheet(HTML) 10 Page - ANADIGICS, Inc

Back Button EVA6254RS35 Datasheet HTML 6Page - ANADIGICS, Inc EVA6254RS35 Datasheet HTML 7Page - ANADIGICS, Inc EVA6254RS35 Datasheet HTML 8Page - ANADIGICS, Inc EVA6254RS35 Datasheet HTML 9Page - ANADIGICS, Inc EVA6254RS35 Datasheet HTML 10Page - ANADIGICS, Inc EVA6254RS35 Datasheet HTML 11Page - ANADIGICS, Inc EVA6254RS35 Datasheet HTML 12Page - ANADIGICS, Inc EVA6254RS35 Datasheet HTML 13Page - ANADIGICS, Inc EVA6254RS35 Datasheet HTML 14Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Data Sheet - Rev 2.0
02/2008
AWL6254
Figure 14: Tx Path ACPR Sidelobes 1 & 2 vs.
Output Power Across Freq (Vcc = +3.6 V, TA =
+25oC) 802.11b Gaussian Filtering (bT=0.5), 1 Mbps
Figure 15: Tx Path ACPR Sidelobes 1 & 2 vs. Output
Power Across Temp (Freq = 2.45 GHz, VCC = +3.6 V)
802.11b Gaussian Filtering (bT=0.5), 1 Mbps
Figure 16: Tx Path ACPR Sidelobes 1 & 2 vs. Output
Power Across Supply Voltage (Freq = 2.45 GHz, TA =
+25oC) 802.11b Gaussian Filtering (bT=0.5), 1 Mbps
Figure 17: Tx Path Detector Voltage vs. Output
Across Freq (VCC = +3.6 V, TA = +25oC)
802.11b Gaussian Filtering (bT=0.5), 1 Mbps
Figure 18: Tx Path Detector Voltage vs. Output
Across Temp (Freq = 2.45 GHz, VCC = +3.6 V)
802.11b Gaussian Filtering (bT=0.5), 1 Mbps
Figure 14: Tx Path ACPR 1st & 2nd Sidelobes vs. Output Power Across
Frequency
Vcc = +3.6 V, T = +25 C
802.11b Gaussian Filtering (bT = 0.5), 1 Mbps
-66
-62
-58
-54
-50
-46
-42
-38
-34
-30
-26
-22
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
Output Power (dBm)
1stSidelobe2.40GHz
1stSidelobe2.45GHz
1stSidelobe2.50GHz
2ndSidelobe2.40GHz
2ndSidelobe2.45GHz
2ndSidelobe2.50GHz
Temperature
Frequency = 2.45 GHz, Voltage = +3.6 V
802.11b Gaussian Filtering (bT = 0.5), 1 Mbps
-66
-62
-58
-54
-50
-46
-42
-38
-34
-30
-26
-22
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
Output Power (dBm)
1stSidelobe-40C
1stSidelobe+25C
1stSidelobe+85C
2ndSidelobe-40C
2ndSidelobe+25C
2ndSidelobe+85C
Voltage
Freq = 2.45 GHz, T = +25 C
802.11b Gaussian Filtering (bT = 0.5), 1 Mbps
-66
-62
-58
-54
-50
-46
-42
-38
-34
-30
-26
-22
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
Output Power (dBm)
1stSidelobe3.30V
1stSidelobe3.60V
1stSidelobe4.20V
2ndSidelobe3.30V
2ndSidelobe3.60V
2ndSidelobe4.20V
Figure 17: Tx Path Detector Voltage vs. Output Power Across Frequency
Vcc = +3.6 V, T = +25 C
802.11b Gaussian Filtering (bT = 0.5), 1 Mbps
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Output Power (dBm)
Det.Volt.2.40GHz
Det.Volt.2.45GHz
Det.Volt.2.50GHz
Figure 18: Tx Path Detector Voltage vs. Output Power Across Temperature
Frequency = 2.45 GHz, Voltage = +3.6 V
802.11b Gaussian Filtering (bT = 0.5), 1 Mbps
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
Output Power (dBm)
Det.Volt.-40C
Det.Volt.+25C
Det.Volt.+85C
Voltage
Freq = 2.45 GHz, T = +25 C
802.11b Gaussian Filtering (bT = 0.5), 1 Mbps
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Output Power (dBm)
Det.Volt.3.3V
Det.Volt.3.6V
Det.Volt.4.2V
Figure 19: Tx Path Detector Voltage vs. Output
Across Supply Voltage (Freq = 2.45 GHz, TA=
+25oC) 802.11b Gaussian Filtering (bT=0.5), 1 Mbps


Similar Part No. - EVA6254RS35

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
EVA600-4 TDK-EVA600-4 Datasheet
238Kb / 2P
   Programmable Power Supplies
May 03, 2022
logo
ANADIGICS, Inc
EVA6950RM21 ANADIGICS-EVA6950RM21 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
EVA6951RM22 ANADIGICS-EVA6951RM22 Datasheet
973Kb / 22P
   2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
More results

Similar Description - EVA6254RS35

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9232 ANADIGICS-AWL9232 Datasheet
573Kb / 18P
   802.11b/g/n WLAN PA/LNA/RF Switch 2400 - 2500 MHz
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Microchip Technology
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
   2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
SST12CP33 MICROCHIP-SST12CP33 Datasheet
250Kb / 17P
   2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
01/27/15
logo
SiGe Semiconductor, Inc...
SE2600S SIGE-SE2600S Datasheet
134Kb / 2P
   2.4 GHz WLAN Switch/LNA Front End Preliminary
logo
Microchip Technology
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
logo
Cypress Semiconductor
CYW43364 CYPRESS-CYW43364 Datasheet
5Mb / 68P
   Single-band 2.4 GHz IEEE 802.11b/g/n
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com