Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2751CUHF-12-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2751CUHF-12-PBF
Description  Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2751CUHF-12-PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC2751CUHF-12-PBF Datasheet HTML 1Page - Linear Technology LTC2751CUHF-12-PBF Datasheet HTML 2Page - Linear Technology LTC2751CUHF-12-PBF Datasheet HTML 3Page - Linear Technology LTC2751CUHF-12-PBF Datasheet HTML 4Page - Linear Technology LTC2751CUHF-12-PBF Datasheet HTML 5Page - Linear Technology LTC2751CUHF-12-PBF Datasheet HTML 6Page - Linear Technology LTC2751CUHF-12-PBF Datasheet HTML 7Page - Linear Technology LTC2751CUHF-12-PBF Datasheet HTML 8Page - Linear Technology LTC2751CUHF-12-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2751
3
2751f
ELECTRICAL CHARACTERISTICS V
DD = 5V, VREF = 5V unless otherwise specified. The denotes the
specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
SYMBOL PARAMETER
CONDITIONS
LTC2751-12
LTC2751-14
LTC2751B-16
LTC2751A-16
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Static Performance
Resolution
12
14
16
16
Bits
Monotonicity
12
14
16
16
Bits
DNL
Differential
Nonlinearity
±1
±1
±1
±0.2
±1
LSB
INL
Integral
Nonlinearity
±1
±1
±2
±0.4
±1
LSB
GE
Gain Error
All Output
Ranges
±0.5
±2
±1.5
±5
±20
±4
±14
LSB
GETC
Gain Error Temp-
erature Coefficient
ΔGain/ΔTemp
±0.6
±0.6
±0.6
±0.6
ppm/°C
BZE
Bipolar Zero Error
All Bipolar
Ranges
±0.2
±1
±0.6
±3
±12
±2
±8
LSB
BZSTC
Bipolar Zero Temp-
erature Coefficient
±0.5
±0.5
±0.5
±0.5
ppm/°C
PSR
Power Supply
Rejection
VDD = 5V, ±10%
VDD = 3V, ±10%
±0.025
±0.06
±0.1
±0.25
±0.4
±1
±0.03
±0.1
±0.2
±0.5
LSB/V
ILKG
IOUT1 Leakage
Current
TA = 25°C
TMIN to TMAX
±0.05
±2
±5
±0.05
±2
±5
±0.05
±2
±5
±0.05
±2
±5
nA
CIOUT1
Output
Capacitance
Full-Scale
Zero Scale
75
45
75
45
75
45
75
45
pF
pF
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resistances (Note 3)
R1/R2
Reference Inverting Resistors
(Note 4)
16
20
RREF
DAC Input Resistance
810
RFB
Feedback Resistor
(Note 3)
810
ROFS
Bipolar Offset Resistor
(Note 3)
16
20
RVOS
Offset Adjust Resistor
800
1000
Dynamic Performance
Output Settling Time
0V to 10V Range, 10V Step. To ±0.0015% FS
(Note 5)
2μs
Glitch Impulse
(Note 6)
1
nV• s
Digital-to-Analog Glitch Impulse
(Note 7)
1
nV• s
Multiplying Feedthrough Error
0V to 10V Range, VREF = ±10V, 10kHz
Sine Wave
0.5
mV
THD
Total Harmonic Distortion
(Note 8) Multiplying
–110
dB
Output Noise Voltage Density
(Note 9) at IOUT1
13
nV/√⎯H⎯z
Power Supply
VDD
Supply Voltage
2.7
5.5
V
IDD
Supply Current, VDD
Digital Inputs = 0V or VDD
0.5
1
μA
VDD = 5V, VREF = 5V unless otherwise specified. The denotes specifications that apply over the full operating temperature range,
otherwise specifications are at TA = 25°C.


Similar Part No. - LTC2751CUHF-12-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2751 LINER-LTC2751 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results

Similar Description - LTC2751CUHF-12-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
logo
Analog Devices
AD5547CRUZ AD-AD5547CRUZ Datasheet
412Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5556 AD-AD5556_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5546 AD-AD5546_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com