Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APS3605RS26Q1 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # APS3605RS26Q1
Description  1 GHz Three-way Active Power Splitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

APS3605RS26Q1 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  APS3605RS26Q1 Datasheet HTML 1Page - ANADIGICS, Inc APS3605RS26Q1 Datasheet HTML 2Page - ANADIGICS, Inc APS3605RS26Q1 Datasheet HTML 3Page - ANADIGICS, Inc APS3605RS26Q1 Datasheet HTML 4Page - ANADIGICS, Inc APS3605RS26Q1 Datasheet HTML 5Page - ANADIGICS, Inc APS3605RS26Q1 Datasheet HTML 6Page - ANADIGICS, Inc APS3605RS26Q1 Datasheet HTML 7Page - ANADIGICS, Inc APS3605RS26Q1 Datasheet HTML 8Page - ANADIGICS, Inc APS3605RS26Q1 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
07/2008
APS3605
1 GHz Three-way Active Power Splitter
PRELIMINARY DATA SHEET - Rev 1.4
S26 Package
12 Pin QFN
3 mm x 3 mm x 1 mm
FEATURES
• SingleInput,TripleOutputDesign
• WidebandOperationBeyond1GHz
• SupportsbothAnalogTVandDigitalTVLineups
• Nominal3dBGain
• 5.5dBTypicalNoiseFigure
• Single+5VSupply,withOperationDownto+3.3V
• HighLinearity,LowDistortion
• CurrentAdjustPinforoptimizingdistortion
performance
• Single-Ended75OhmInputs/Outputs
• RoHSCompliantPackage
APPLICATIONS
• Analog/DigitalandAll-DigitalCATVSet-TopBoxes
withMultipleTuners
• Multiple-TunerTVs,TVTunerCardsand
BroadbandMediaCenters
PRODUCT DESCRIPTION
ThisAPS3605activesplitterfromANADIGICSaccepts
abroadbandRFinputfrom50MHzto1GHzandsplits
thesignaltoprovidethreebroadbandRFoutputswith
minimal degradation of quality.The single-package
surfacemountdeviceamplifiestheinputusinghighly
linear,lownoiseamplificationstages,andcouplesthe
amplifiedsignaltothreeseparateoutputpathsthat
eachcandriveeitheranalogvideo,digitalvideoor
digitaldatatuners.Theoveralllinearityofeachpath
ismaintainedacrosstheentireoperatingfrequency
Figure 1: Functional Block Diagram
range,ensuringlowdistortioneffectsoneachoutput
signal.
Requiringasinglevoltagesupplyof+5V,andoperable
downto+3.3V,theactivesplitterismanufactured
usingANADIGICS’ highly reliable GaAs MESFET
process.The small surface mount QFN packaging
makes this device ideal for use in today’s set-top
boxes, televisions and video tuner cards requiring
multiple-tunersolutions.
RF Input
RF Output 1
RF Output 2
GND
RF Output 3
Current
Adjust
APS3605


Similar Part No. - APS3605RS26Q1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
APS3602 ANADIGICS-APS3602 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3602S29P8 ANADIGICS-APS3602S29P8 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3604 ANADIGICS-APS3604 Datasheet
310Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3604RS29P8 ANADIGICS-APS3604RS29P8 Datasheet
310Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3606 ANADIGICS-APS3606 Datasheet
369Kb / 8P
   Active Splitter for Analog/Digital CATV Set-Top Boxes
More results

Similar Description - APS3605RS26Q1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
APS3623 ANADIGICS-APS3623 Datasheet
387Kb / 12P
   1 GHz Three-way Active Power Splitter Optimized for MoCA-Enabled Subscriber Equipment
logo
Pulse A Technitrol Comp...
DASSPLIT3WNF PULSE-DASSPLIT3WNF Datasheet
396Kb / 1P
   Three Way Power Splitter
logo
ANADIGICS, Inc
APS3626 ANADIGICS-APS3626 Datasheet
335Kb / 7P
   Six-way Active Power Splitter
logo
Filtronic Compound Semi...
4003 FILTRONIC-4003 Datasheet
273Kb / 2P
   POWER DIVIDERS - THREE WAY, 1 TO 18 GHZ
logo
M/A-COM Technology Solu...
MAPDCC0005 MA-COM-MAPDCC0005_15 Datasheet
558Kb / 5P
   Low Cost Three Way Power Splitter/Combiner
logo
Tyco Electronics
MAPDCC0005 MACOM-MAPDCC0005 Datasheet
649Kb / 4P
   Low Cost Three Way Power Splitter/Combiner
logo
M/A-COM Technology Solu...
MAPDCC0005 MA-COM-MAPDCC0005 Datasheet
81Kb / 4P
   Low Cost Three Way Power Splitter/Combiner
logo
New Japan Radio
NJG1151MD7 NJRC-NJG1151MD7 Datasheet
876Kb / 30P
   2-way Active Splitter GaAs MMIC
logo
SJM Prewell. All Rights...
PSC13A SJM-PSC13A Datasheet
368Kb / 4P
   Single Ended 3-Way Active Splitter
logo
Skyworks Solutions Inc.
PD22-73 SKYWORKS-PD22-73 Datasheet
154Kb / 4P
   Two-Way Power Splitter 2.1-2.3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com