Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8848AEGT180Z Datasheet(PDF) 9 Page - AMETHERM Circuit Protection Thermistors

Part # AME8848AEGT180Z
Description  1A CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

AME8848AEGT180Z Datasheet(HTML) 9 Page - AMETHERM Circuit Protection Thermistors

Back Button AME8848AEGT180Z Datasheet HTML 3Page - AMETHERM Circuit Protection Thermistors AME8848AEGT180Z Datasheet HTML 4Page - AMETHERM Circuit Protection Thermistors AME8848AEGT180Z Datasheet HTML 5Page - AMETHERM Circuit Protection Thermistors AME8848AEGT180Z Datasheet HTML 6Page - AMETHERM Circuit Protection Thermistors AME8848AEGT180Z Datasheet HTML 7Page - AMETHERM Circuit Protection Thermistors AME8848AEGT180Z Datasheet HTML 8Page - AMETHERM Circuit Protection Thermistors AME8848AEGT180Z Datasheet HTML 9Page - AMETHERM Circuit Protection Thermistors AME8848AEGT180Z Datasheet HTML 10Page - AMETHERM Circuit Protection Thermistors AME8848AEGT180Z Datasheet HTML 11Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AME
Rev.A.04
9
AME8848
1A CMOS LDO
Year
A
A
A
W
W
xxx0
A
A
A
W
W
xxx1
A
A
A
W
W
xxx2
A
A
A
W
W
xxx3
A
A
A
W
W
xxx4
A
A
A
W
W
xxx5
A
A
A
W
W
xxx6
A
A
A
W
W
xxx7
A
A
A
W
W
xxx8
A
A
A
W
W
xxx9
Marking
Date Code
n Date Code Rule
n Tape and Reel Dimension
Carrier Tape, Number of Components Per Reel and Reel Size
SOT-223
W
P
PIN 1
AME
AME
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
SOT-223
12.0±0.1 mm
4.0±0.1 mm
2500pcs
330±1 mm


Similar Part No. - AME8848AEGT180Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8840 AME-AME8840 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8840AEEV AME-AME8840AEEV Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8840BEEV AME-AME8840BEEV Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8840CEEV AME-AME8840CEEV Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8840DEEV AME-AME8840DEEV Datasheet
114Kb / 14P
   300mA CMOS LDO
More results

Similar Description - AME8848AEGT180Z

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WL2817DA WILLSEMI-WL2817DA Datasheet
2Mb / 15P
   Ultra low dropout, 500mA/1A, CMOS LDO
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
Bookly Micro electronic
BM9164 BOOKLY-BM9164 Datasheet
421Kb / 7P
   1A BiCMOS LDO
logo
Shenzhen Huazhimei Semi...
HM9164 HMSEMI-HM9164 Datasheet
626Kb / 7P
   1A BiCMOS LDO
logo
Richtek Technology Corp...
RT9187 RICHTEK-RT9187_08 Datasheet
157Kb / 9P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187 RICHTEK-RT9187 Datasheet
175Kb / 8P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com