Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8818AEEV180Z Datasheet(PDF) 4 Page - AMETHERM Circuit Protection Thermistors

Part # AME8818AEEV180Z
Description  Low Dropout 300mA CMOS Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

AME8818AEEV180Z Datasheet(HTML) 4 Page - AMETHERM Circuit Protection Thermistors

  AME8818AEEV180Z Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors AME8818AEEV180Z Datasheet HTML 2Page - AMETHERM Circuit Protection Thermistors AME8818AEEV180Z Datasheet HTML 3Page - AMETHERM Circuit Protection Thermistors AME8818AEEV180Z Datasheet HTML 4Page - AMETHERM Circuit Protection Thermistors AME8818AEEV180Z Datasheet HTML 5Page - AMETHERM Circuit Protection Thermistors AME8818AEEV180Z Datasheet HTML 6Page - AMETHERM Circuit Protection Thermistors AME8818AEEV180Z Datasheet HTML 7Page - AMETHERM Circuit Protection Thermistors AME8818AEEV180Z Datasheet HTML 8Page - AMETHERM Circuit Protection Thermistors AME8818AEEV180Z Datasheet HTML 9Page - AMETHERM Circuit Protection Thermistors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AME
AME8818
Low Dropout
300mA CMOS Regulator
4
Rev.A.01
n Available Options
Note:
1. The first 3 places represent product code. It is assigned by AME such as BVP.
2. A bar on top of first letter represents Green Part such as BVP.
3. The last 3 places MXX represent Marking Code. It contains M as date code in "month", XX as LN code and
that is for AME internal use only. Please refer to date code rule section for detail information.
4. Please consult AME sales office or authorized Rep./Distributor for the availability of output voltage and package
type.
Part Number
Marking
Output
Voltage
Package
Operating Ambient
Temperature Range
AME8818AEET120Z
BVPMXX
1.2V
SOT-23
-40
OC to +85OC
AME8818AEET150Z
BVQMXX
1.5V
SOT-23
-40
OC to +85OC
AME8818AEET250Z
BVSMXX
2.5V
SOT-23
-40
OC to +85OC
AME8818AEET300Z
BVWMXX
3.0V
SOT-23
-40
OC to +85OC
AME8818AEET310Z
BVXMXX
3.1V
SOT-23
-40
OC to +85OC
AME8818AEEV120Z
BWAMXX
1.2V
SOT-25
-40
OC to +85OC
AME8818AEEV180Z
BWCMXX
1.8V
SOT-25
-40
OC to +85OC
AME8818AEEV320Z
BYEMXX
3.2V
SOT-25
-40
OC to +85OC
AME8818BEEV120Z
BWOMXX
1.2V
SOT-25
-40
OC to +85OC
AME8818BEEV330Z
BWXMXX
3.3V
SOT-25
-40
OC to +85OC
AME8818CEEV390Z
BYLMXX
3.9V
SOT-25
-40
OC to +85OC


Similar Part No. - AME8818AEEV180Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8818AEEV180Z AME-AME8818AEEV180Z Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
More results

Similar Description - AME8818AEEV180Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8818 AME-AME8818_12 Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
logo
ADDtek Corp
AMC7635 ADDTEK-AMC7635 Datasheet
154Kb / 9P
   300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
logo
California Micro Device...
CM3015 CALMIRCO-CM3015 Datasheet
508Kb / 14P
   Micropower, 300mA Low Dropout CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
   300mA low dropout CMOS voltage regulator
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
   300mA low dropout CMOS voltage regulator
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com